Electronic Components Datasheet Search
  English  ▼

X  

B1726 Datasheet(PDF) 3 Page - EPCOS

Part # B1726
Description  SAW IF filter Satellite radio
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1726 Datasheet(HTML) 3 Page - EPCOS

  B1726 Datasheet HTML 1Page - EPCOS B1726 Datasheet HTML 2Page - EPCOS B1726 Datasheet HTML 3Page - EPCOS B1726 Datasheet HTML 4Page - EPCOS B1726 Datasheet HTML 5Page - EPCOS B1726 Datasheet HTML 6Page - EPCOS B1726 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
February 19, 2010
B1726
259.86 MHz
SAW Components
SAW IF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C ... 85 ˚C
Terminating source impedance:
ZS = 150 Ω and matching network
Terminating load impedance:
ZL = 150 Ω and matching network
min.
typ.
@ 25˚C
max.
Nominal frequency
fN
—
259.86
—
MHz
Minimum insertion attenuation
α
min
—
14.5
15.5
dB
Amplitude ripple (p-p)
∆α
253.61 ...
266.11 MHz
—
0.8
1.4
dB
253.61 ...
255.47 MHz
—
0.3
0.8
dB
255.47 ...
257.33 MHz
—
0.3
0.8
dB
257.33 ...
259.84 MHz
—
0.3
0.8
dB
259.89 ...
262.40 MHz
—
0.3
0.8
dB
262.40 ...
264.25 MHz
—
0.3
0.8
dB
264.25 ...
266.11 MHz
—
0.7
1.0
dB
Pass bandwidth
α
rel ≤ 1.5 dB
B1.5dB 12.5
14.1
15.0
MHz
α
rel ≤ 3
dB
B3dB
14.4
14.9
15.4
MHz
α
rel ≤15
dB
B15dB
—
17.4
—
MHz
Attenuation (relative to
α
min)
α
rel
Lower sidelobe
230.00 ...
fN –12.00 MHz
34.0
36.0
—
dB
fN –12.00 ... fN –10.50 MHz
32.0
36.0
—
dB
Upper sidelobe
fN + 9.00 ...fN +10.30 MHz
13.0
16.0
—
dB
fN +10.30 ...fN +12.00 MHz
34.0
36.0
—
dB
fN +12.00 ...
290.00 MHz
35.0
37.0
—
dB
Group delay ripple (p–p)
∆τ
fN ± 6.24 MHz
—
50
70
ns
Temperature coefficient of frequency
TCf
—
–18
—
ppm/K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com