Electronic Components Datasheet Search
  English  ▼

X  

B1726 Datasheet(PDF) 4 Page - EPCOS

Part # B1726
Description  SAW IF filter Satellite radio
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1726 Datasheet(HTML) 4 Page - EPCOS

  B1726 Datasheet HTML 1Page - EPCOS B1726 Datasheet HTML 2Page - EPCOS B1726 Datasheet HTML 3Page - EPCOS B1726 Datasheet HTML 4Page - EPCOS B1726 Datasheet HTML 5Page - EPCOS B1726 Datasheet HTML 6Page - EPCOS B1726 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
February 19, 2010
B1726
259.86 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data sheet
Matching network (based on four port measurement, quality factors QL = 40, QC = 90)
Maximum ratings
Operable temperature range T
–40 / +85 ˚C
Storage temperature range
Tstg
–40 / +85 ˚C
DC voltage
VDC
0
V
between any terminals
Source power
PS
0
dBm
Lp1
Cs2
Cs2
Cs3
Cs3
Lp4
Lp1 = 22 nH
Cs2 = 120 pF
Cs3 = 68 pF
Lp4 = 22 nH



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com