Electronic Components Datasheet Search
  English  ▼

X  

KTC2875 Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KTC2875
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC2875 Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KTC2875 Datasheet HTML 1Page - KEC(Korea Electronics) KTC2875 Datasheet HTML 2Page - KEC(Korea Electronics) KTC2875 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2009. 3. 12
3/3
KTC2875
Revision No : 3
0
0.3
0.3
0.1
0.03
0.01
BASE CURRENT I
(mA)
B
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
R
- I
C
- V
CB
COLLECTOR-BASE VOLTAGE V
(V)
0.3 0.5
1
3
1
10
ob
CB
510
30
3
5
30
f=1MHz
I =0
Ta=25 C
E
25
100
ON
B
13
10
0.5
1
3
5
10
30
50
100
1k
Ω
10k
Ω
I B
50
75
100
125
150
200
300
400
500



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com