Electronic Components Datasheet Search
  English  ▼

X  

KTC2875 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTC2875
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC2875 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTC2875 Datasheet HTML 1Page - KEC(Korea Electronics) KTC2875 Datasheet HTML 2Page - KEC(Korea Electronics) KTC2875 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2009. 3. 12
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTC2875
Revision No : 3
FOR MUTING AND SWITCHING APPLICATION.
FEATURES
・High Emitter-Base Voltage : V
EBO=25V(Min.)
・High Reverse h
FE
: Reverse hFE=150(Typ.) (VCE=-2V, IC=-2mA)
・Low on Resistance : R
ON=1Ω(Typ.), (IB=5mA)
MAXIMUM RATING (Ta=25℃)
DIM
MILLIMETERS
1. EMITTER
2. BASE
3. COLLECTOR
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P7
+_
ELECTRICAL CHARACTERISTICS (Ta=25℃)
Note : hFE Classification
A: 200~700,
B: 350~1200
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
20
V
Emitter-Base Voltage
VEBO
25
V
Collector Current
IC
300
mA
Base Current
IB
60
mA
Collector Power Dissipation
PC
150
mW
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55~150
℃
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=50V, IE=0
-
-
0.1
μA
Emitter Cut-off Current
IEBO
VEB=25V, IC=0
-
-
0.1
μA
DC Current Gain (Note)
hFE
VCE=2V, IC=4mA
200
-
1200
Collector-Emitter Saturation Voltage
VCE(sat)
IC=30mA, IB=3mA
-
0.042
0.3
V
Base-Emitter Voltage
VBE
VCE=2V, IC=4mA
-
0.61
-
V
Transition Frequency
fT
VCE=6V, IC=4mA
-
30
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
4.8
7
pF
Switching
Time
Turn-on Time
ton
4k
Ω
10V
CC
V
=12V
BB
V
=-3V
1µs
2%
OUTPUT
DUTY CYCLE
INPUT
<=
-
160
-
nS
Storage Time
tstg
-
500
-
Fall Time
tf
-
130
-
h
Rank
Type Name
Marking
Lot No.
M
FE
EPITAXIAL PLANAR NPN TRANSISTOR


Similar Part No. - KTC2875

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC2875 KEC-KTC2875 Datasheet
321Kb / 3P
SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE(FOR MUTING AND SWITCHING)
logo
Foshan Blue Rocket Elec...
KTC2875 FOSHAN-KTC2875 Datasheet
614Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
logo
KEC(Korea Electronics)
KTC2875 KEC-KTC2875_15 Datasheet
712Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
More results

Similar Description - KTC2875

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com