Electronic Components Datasheet Search
  English  ▼

X  

MB6M Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # MB6M
Description  Single-Phase Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MB6M Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  MB6M Datasheet HTML 1Page - KEC(Korea Electronics) MB6M Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2005. 6. 1
2/2
MB6M
Revision No : 0
0.6
0.01
0.8
1.2
0.2
1.0
0.4
1.4
0.1
0.1
1
10
10
100
200
Fig.3 Typical Forward Characteristics Per Leg
Instantaneous Forward Voltage (V)
Fig.5 Typical Junction Capacitance Per Leg
Reverse Voltage (V)
1
10
100
0
10
15
Fig.2 Maximum Non-Repetitive Peak
Forward Surge Current Per Leg
Number of Cycles at 60Hz
0
0
100
20
40
60
80
0.01
0.1
1
10
Percent of Rated Peak Reverse Voltage (%)
100
Fig.1 Derating Curve for Output Rectified Current
25
5.0
35
30
20
TA = 40
Single Half sine-wave
(JEDEC Method)
1 Cycle
TJ = 25
TJ =150
TJ =125
Tj=25
Fig.4 Typical Reverse
Leakage Characteristics Per Leg
40
60
80
0.4
0.1
0.2
0.3
0.7
0.8
0.5
0.6
100
120
140
20
Ambient Temperature (C )
160
0
0
Aluminum Substrata
Glass
Epoxy
P.C.B
f = 60Hz
f = 50Hz
Pulse Width=300
1% Duty Cycle
10
15
25
5.0
30
20
TJ = 25
f= 1 MHz
Vsing=50mVp-p



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com