Electronic Components Datasheet Search
  English  ▼

X  

MB6M Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # MB6M
Description  Single-Phase Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MB6M Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  MB6M Datasheet HTML 1Page - KEC(Korea Electronics) MB6M Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2005. 6. 1
1/2
Revision No : 0
FEATURES
Plastic package has Underwriters Laboratory flammability
Classification 94V-0.
Glass passivated chip junction.
High surge overload rating : 35A peak.
Saves space on printed circuit boards.
Recommended for non-automotive applications.
MAXIMUM RATING (Ta=25
)
MBM
3.73
3.48
5.21
4.95
4.10
3.65
4.83
4.55
1.24
0.99
0.74
0.43
0.41
0.15
0.71
0.51
3.75
3.35
2.70
2.30
2.67
2.41
[Unit:mm]
10-15
Degrees
SEMICONDUCTOR
TECHNICAL DATA
MB6M
Single-Phase Bridge Rectifiers
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
repetitive peak reverse voltage
VRRM
600
V
RMS voltage
VRMS
420
V
DC blocking voltage
VDC
600
V
Average forward output rectified
current (see Fig.1) On glass-epoxy
P.C.B on aluminum substrate.
IF(AV)
0.5 (Note1)
0.8 (Note2)
A
Peak forward surge current
IFSM
35.0
A
Rating for fusing (t<8.3ms)
I
2t
5.0
A
2sec
Operating Junction and
Storage Temperature Range
Tj, Tstg
-55~150
CHARACTERISTIC
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
Forward voltage
VF
IF=0.4A
-
-
1.0
V
Leakage current
Ta=25
IR
VR=600V
-
-
5.0
A
Ta=125
-
-
100
Junction capacitance
CJ
VR=4.0V, f=1.0MHz
-
13
-
pF
Typical thermal resistance
Rth(A)
(Note1)
Junction to ambient
-
-
85
/W
Rth(A)
(Note 2)
70
Rth(L)
(Note 1)
Junction to lead
-
-
20
Type Name
Marking
Lot No.
C
Note 1) on glass epoxy P.C.B mounted on 0.05
0.05 (1.3
1.3mm) Pads.
Note 2) on aluminum substrate P.C.B with an area of 0.8
0.8 (20
20mm) mounted on 0.05
0.05 (1.3
1.3mm) solder pad.


Similar Part No. - MB6M

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MB6M GE-MB6M Datasheet
37Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB6M MCC-MB6M Datasheet
101Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
TAITRON Components Inco...
MB6M TAITRON-MB6M Datasheet
144Kb / 4P
0.5A Glass Passivated Bridge Rectifier
logo
GOOD-ARK Electronics
MB6M GOOD-ARK-MB6M Datasheet
139Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
logo
Vishay Siliconix
MB6M VISHAY-MB6M Datasheet
99Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Feb-08
More results

Similar Description - MB6M

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
GBPC15005 SIRECTIFIER-GBPC15005 Datasheet
70Kb / 2P
Single Phase Bridge Rectifiers
GBJ20005 SIRECTIFIER-GBJ20005 Datasheet
60Kb / 2P
Single Phase Bridge Rectifiers
GBJ10005 SIRECTIFIER-GBJ10005 Datasheet
113Kb / 2P
Single Phase Bridge Rectifiers
GBJ8005 SIRECTIFIER-GBJ8005 Datasheet
60Kb / 2P
Single Phase Bridge Rectifiers
logo
List of Unclassifed Man...
CP800 ETC2-CP800 Datasheet
220Kb / 3P
Single Phase Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBU4A SEMTECH_ELEC-KBU4A Datasheet
191Kb / 1P
SINGLE - PHASE BRIDGE RECTIFIERS
logo
Nanjing International G...
KBPC15005W DGNJDZ-KBPC15005W Datasheet
396Kb / 2P
SINGLE PHASE BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
2W005M-2A-WOM YFWDIODE-2W005M-2A-WOM Datasheet
295Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIERS
logo
Sirectifier Semiconduct...
GBJ25005 SIRECTIFIER-GBJ25005_16 Datasheet
88Kb / 2P
Single Phase Bridge Rectifiers
S1PDB25005 SIRECTIFIER-S1PDB25005 Datasheet
137Kb / 2P
Single Phase Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com