Electronic Components Datasheet Search
  English  ▼

X  

B5151 Datasheet(PDF) 2 Page - EPCOS

Part # B5151
Description  SAW RF filter TETRA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5151 Datasheet(HTML) 2 Page - EPCOS

  B5151 Datasheet HTML 1Page - EPCOS B5151 Datasheet HTML 2Page - EPCOS B5151 Datasheet HTML 3Page - EPCOS B5151 Datasheet HTML 4Page - EPCOS B5151 Datasheet HTML 5Page - EPCOS B5151 Datasheet HTML 6Page - EPCOS B5151 Datasheet HTML 7Page - EPCOS B5151 Datasheet HTML 8Page - EPCOS B5151 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
September 27, 2010
B5151
390.00 / 415.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF filter
Sample data
Revision History: Changes compared to previous iteration issue
ISSUE
ORIGINATOR
DETAIL SPEC CHANGES
DATE
DGLV69S01
0.1
Kok Meng
Initial Release
13.02.2009
LV69A
1.0
Kok Meng
Filter shifted high by 0.8MHz
08.04.2009
Updates of attenuation spec for Filter I
Relaxation of IL for Filter 2 to 3.5dB
Relaxation of AR for Filter 2 to 2.2dB
Relaxation of VSWR for Filter 2 to 2.2
Updates of attenuation spec for Filter 2
DGLV69S02
0.2
Kok Meng
Change in customer spec for IL and attenuation
03.06.2009
LV69B
1.0
Kok Meng
With reference to DGLV69S02,
28.08.2009
Relaxation of IL for Filter I to 2.3dB
Improvement of AR for Filter I to 0.9dB
Updates of attenaution spec for Filter I
Relaxation of IL for Filter 2 to 2.7dB
Improvement of AR for Filter 2 to 1.3dB
Relaxation of Input VSWR for Filter 2 to 2.1
Updates of attenuation spec for Filter 2
B5151
1.0
Kok Meng
Include ordering code
27.09.2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com