Electronic Components Datasheet Search
  English  ▼

X  

B5151 Datasheet(PDF) 4 Page - EPCOS

Part # B5151
Description  SAW RF filter TETRA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5151 Datasheet(HTML) 4 Page - EPCOS

  B5151 Datasheet HTML 1Page - EPCOS B5151 Datasheet HTML 2Page - EPCOS B5151 Datasheet HTML 3Page - EPCOS B5151 Datasheet HTML 4Page - EPCOS B5151 Datasheet HTML 5Page - EPCOS B5151 Datasheet HTML 6Page - EPCOS B5151 Datasheet HTML 7Page - EPCOS B5151 Datasheet HTML 8Page - EPCOS B5151 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
September 27, 2010
B5151
390.00 / 415.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF filter
Sample data
Characteristics of Filter 1
Temperature range for specification:
T = -30 to +70˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL = 50 Ω
LV69B 1)
1) Values in columns min, typ and max indicate the development status of the current version.
DGL 2)
2) Values in column DesignGoal (DGL) indicate the target performance.
min.
typ.
@ 25 ˚C
max.
min./
max.
Center frequency
fC
—
390.0
—
MHz
Maximum insertion attenuation
α
max
380.0
...
400.0
MHz
—
1.8
2.3
dB
Amplitude ripple (p-p)
∆α
380.0
...
400.0
MHz
—
0.4
0.9
dB
Input VSWR
380.0
...
400.0
MHz
—
1.7
2.0
Output VSWR
380.0
...
400.0
MHz
—
1.7
2.0
Attenuation
α
10.0
...
150.0
MHz
35
42
—
dB
150.0
...
287.0
MHz
33
37
—
dB
287.0
...
335.0
MHz
26
29
—
dB
335.0
...
360.0
MHz
20
23
—
dB
418.0
...
442.0
MHz
15
21
—
dB
442.0
...
456.0
MHz
25
33
—
dB
456.0
...
532.0
MHz
28
36
—
dB
532.0
...
560.0
MHz
28
32
—
dB
560.0
...
668.0
MHz
22
24
—
dB
668.0
... 1000.0
MHz
22
31
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com