Electronic Components Datasheet Search
  English  ▼

X  

MAX16929HGUI Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # MAX16929HGUI
Description  Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16929HGUI Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button MAX16929HGUI Datasheet HTML 17Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 18Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 19Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 20Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 21Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 22Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 23Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 24Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 25Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
���������������������������������������������������������������� Maxim Integrated Products 24
MAX16929
Automotive TFT-LCD Power Supply with Boost
Converter and Gate Voltage Regulators
Typical Application Circuit
DRVN
VCN
VGL
INA
PGOOD
FBGL
GH
FBGH
4V TO 28V
OUTB
BST
INB
LXB
FBB
ENB
AVL
GND
CP
LXP
OPTIONAL
VREG
1.8V/3.3V
INA
OUTB
COMPI
COMPV
GATE
LXP
PGNDP
FBP
LP
VSH
CCOMPV
CCOMPI
RCOMPV
REF
GND
POSITIVE
GATE
VOLTAGE
REGULATOR
NEGATIVE
GATE
VOLTAGE
REGULATOR
BANDGAP
REFERENCE
3.3V/5V
BUCK
OSCILLATOR
VSH
VGH
VCN
1.8V/3.3V
REGULATOR
CONTROLLER
DR
FB
VINA TO 18V
BOOST
CONTROL
ENP
SEQ
MAX16929



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com