Electronic Components Datasheet Search
  English  ▼

X  

B7678 Datasheet(PDF) 4 Page - EPCOS

Part # B7678
Description  SAW Duplexer LTE Band 13
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7678 Datasheet(HTML) 4 Page - EPCOS

  B7678 Datasheet HTML 1Page - EPCOS B7678 Datasheet HTML 2Page - EPCOS B7678 Datasheet HTML 3Page - EPCOS B7678 Datasheet HTML 4Page - EPCOS B7678 Datasheet HTML 5Page - EPCOS B7678 Datasheet HTML 6Page - EPCOS B7678 Datasheet HTML 7Page - EPCOS B7678 Datasheet HTML 8Page - EPCOS B7678 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
January 24, 2011
B7678
782.0 / 752.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
DataSheet
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Antenna terminating impedance:
ZANT=50 Ω || 18 nH
RX terminating impedance:
ZRX =50 Ω
TX terminating impedance:
ZTX =50 Ω
Characterisitcs ANT - RX
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
751.0
MHz
Maximum insertion attenuation
746.0
...
756.0
MHz
α
—
2.1
2.6
dB
Amplitude ripple (p-p)
746.0
...
756.0
MHz
∆α
—
0.5
1.2
dB
Input VSWR (ANT port)
746.0
...
756.0
MHz
—
1.6
2.0
Output VSWR (RX port)
746.0
...
756.0
MHz
—
1.6
2.0
Attenuation
α
10.0
...
150.0
MHz
40
60
—
dB
150.0
...
350.0
MHz
35
47
—
dB
350.0
...
650.0
MHz
30
39
—
dB
698.0
...
716.0
MHz
35
40
—
dB
716.0
...
722.0
MHz
35
43
—
dB
777.0
...
787.0
MHz
51
59
—
dB
788.0
...
818.0
MHz
35
42
—
dB
824.0
...
849.0
MHz
30
40
—
dB
1492.0
... 1543.0
MHz
32
38
—
dB
1554.0
... 1574.0
MHz
35
38
—
dB
1574.0
... 1577.0
MHz
35
38
—
dB
1710.0
... 1770.0
MHz
35
39
—
dB
1920.0
... 1980.0
MHz
35
39
—
dB
2200.0
... 2690.0
MHz
35
38
—
dB
2690.0
... 3800.0
MHz
25
30
—
dB
5150.0
... 5850.0
MHz
5
11
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com