Electronic Components Datasheet Search
  English  ▼

X  

B7678 Datasheet(PDF) 5 Page - EPCOS

Part # B7678
Description  SAW Duplexer LTE Band 13
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7678 Datasheet(HTML) 5 Page - EPCOS

  B7678 Datasheet HTML 1Page - EPCOS B7678 Datasheet HTML 2Page - EPCOS B7678 Datasheet HTML 3Page - EPCOS B7678 Datasheet HTML 4Page - EPCOS B7678 Datasheet HTML 5Page - EPCOS B7678 Datasheet HTML 6Page - EPCOS B7678 Datasheet HTML 7Page - EPCOS B7678 Datasheet HTML 8Page - EPCOS B7678 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
January 24, 2011
B7678
782.0 / 752.0 MHz
SAW Components
SAW Duplexer
DataSheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Antenna terminating impedance:
ZANT=50 Ω || 18 nH
RX terminating impedance:
ZRX =50 Ω
TX terminating impedance:
ZTX =50 Ω
Characterisitcs TX - RX
min.
typ.
@ 25 ˚C
max.
Isolation
α
746.0
...
756.0
MHz
48
59
—
dB
777.0
...
787.0
MHz
52
59
—
dB
Maximum ratings
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
1001)
1) acc. to JESD22-A115A (machine model), 1 negative & 1 positive pulse.
V
machine model, 1 pulse
Input power at Tx Port
779.5 ... 784.5 MHz
Elsewhere
PIN
PIN
28
10
dBm
LTE uplink signal
55 ˚C, 50000 H
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com