Electronic Components Datasheet Search
  English  ▼

X  

B7692 Datasheet(PDF) 5 Page - EPCOS

Part # B7692
Description  BAW Duplexer WCDMA Band II
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7692 Datasheet(HTML) 5 Page - EPCOS

  B7692 Datasheet HTML 1Page - EPCOS B7692 Datasheet HTML 2Page - EPCOS B7692 Datasheet HTML 3Page - EPCOS B7692 Datasheet HTML 4Page - EPCOS B7692 Datasheet HTML 5Page - EPCOS B7692 Datasheet HTML 6Page - EPCOS B7692 Datasheet HTML 7Page - EPCOS B7692 Datasheet HTML 8Page - EPCOS B7692 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
December 11, 2008
B7692
1880.0 / 1960.0 MHz
SAW Components
BAW Duplexer
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –10 ˚C to +85 ˚C
Antenna terminating impedance:
ZANT =50 Ω
RX terminating impedance:
ZRX =50 Ω
TX terminating impedance:
ZTX =50 Ω
IMD Product Level Limits at Rx fre-
quencies and at Rx port1)
(1930 ... 1990 MHz):
1) IMD product level limits for power levels P
TX= 21dBm (antenna port output power) and PBlocker=
-15dBm (antenna port input power).
min.
typ.
@ 25˚C
max.
Blocker 1
80.0MHz
-
-112
-
dBm
Blocker 2
1770.0
... 1830.0MHz
-
-110
-
dBm
Blocker 3
3840.0MHz
-
-86
-
dBm
Characteristics TX - RX
min.
typ.
@ 25 ˚C
max.
Isolation
α
@fCarrier 1852.4 ... 1907.6 MHz
α
WCDMA
1)
1) Attenuation of WCDMA signal (“Powertransferfunction”). Please refer to annotation on page (6).
50
54
-
dB
@fCarrier 1932.4 ... 1987.6 MHz
α
WCDMA
1)
48
54
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com