Electronic Components Datasheet Search
  English  ▼

X  

B7692 Datasheet(PDF) 6 Page - EPCOS

Part # B7692
Description  BAW Duplexer WCDMA Band II
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7692 Datasheet(HTML) 6 Page - EPCOS

Back Button B7692 Datasheet HTML 2Page - EPCOS B7692 Datasheet HTML 3Page - EPCOS B7692 Datasheet HTML 4Page - EPCOS B7692 Datasheet HTML 5Page - EPCOS B7692 Datasheet HTML 6Page - EPCOS B7692 Datasheet HTML 7Page - EPCOS B7692 Datasheet HTML 8Page - EPCOS B7692 Datasheet HTML 9Page - EPCOS B7692 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
December 11, 2008
B7692
1880.0 / 1960.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
BAW Duplexer
Data Sheet
Annotation for characteristics section
Attenuation of WCDMA signal (“Powertransferfunction”,
α
WCDMA) is determined by
fCarrier according to 3GPP TS 25.101 (e.g. for UMTS-Passband, fCarrier ranges from 882.4 MHz
(lowest Tx channel) to 912.6 MHz (highest Tx channel)). HRRC(f) is the transfer function of the
root-raised cosine transmit pulse shaping filter according to 3GPP TS 25.101 with the following
normalization:
Maximum ratings
Temperature range for
specification
T
–10/+85
˚C
Operable temperature range1)
1) Defines the temperature range in which the BAW device keeps its typical characteristics, however the
specification values are not guaranteed.
T
–30/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
3
V
ESD voltage
VESD
1002)
2) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Input power at
PIN
source and load impedance 50
Ω
1850.0 ... 1910.0 MHz
elsewhere
30
10
dBm
dBm
continuous wave
T = 55˚C, 50.000 h
}
S
s
d21 f
()H
RRC ff Carrier
–
()
2
f
d
∞
∞
∫
H
RRC f
()
2
f1
=
d
∞
∞
∫



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com