Electronic Components Datasheet Search
  English  ▼

X  

B7699 Datasheet(PDF) 4 Page - EPCOS

Part # B7699
Description  SAW Duplexer for W-CDMA Band IV / CDMA 1x AWS Band
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7699 Datasheet(HTML) 4 Page - EPCOS

  B7699 Datasheet HTML 1Page - EPCOS B7699 Datasheet HTML 2Page - EPCOS B7699 Datasheet HTML 3Page - EPCOS B7699 Datasheet HTML 4Page - EPCOS B7699 Datasheet HTML 5Page - EPCOS B7699 Datasheet HTML 6Page - EPCOS B7699 Datasheet HTML 7Page - EPCOS B7699 Datasheet HTML 8Page - EPCOS B7699 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
February 04, 2010
B7699
1732.5/2132.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data Sheet
Characteristics for W-CDMA Band 4
Temperature range for specification:
T
= –15 ˚C to +80 ˚C
Antenna terminating impedance:
ZANT=50 Ω
RX terminating impedance:
ZRX =50 Ω
TX terminating impedance:
ZTX =50 Ω
Characterisitcs ANT - RX
min.
typ.
@25˚C
max.
Center frequency
fC
2132.5
MHz
Maximum insertion attenuation
α
WCDMA
1)
1) Attenuation of WCDMA signal (“Powertransferfunction“). Please refer to annotation on page (9).
@fcarrier
2112.4
... 2152.6
MHz
1.8
2.5
dB
@fcarrier
2112.4
... 2152.6
MHz
1.8
2.42)
2) Maximum insertion attenuation at room temperature T= +25 ˚C.
dB
Amplitude ripple (p-p)
∆α
WCDMA
1)
@fcarrier
2112.4
... 2152.6
MHz
0.4
1.0
dB
Error Vector Magnitude
2112.4
... 2152.6
MHz
EVM3)
3) Error Vector Magnitude (EVM) based on definition given in 3GPP TS 25.141.
1.0
3.0
%
Input VSWR (ANT port)
2110.0
... 2155.0
MHz
1.65
2.0
Output VSWR (RX port)
2110.0
... 2155.0
MHz
1.4
2.0
Attenuation
α
0.3
... 1310.0
MHz
30
42
dB
1310.0
... 1355.0
MHz
38
42
dB
@fcarrier
1712.4
... 1752.6
MHz
α
WCDMA
1)
46
51
dB
1910.0
... 1955.0
MHz
27
33
dB
2400.0
... 2500.0
MHz
25
35
dB
3820.0
... 3910.0
MHz
19
39
dB
4220.0
... 4370.0
MHz
20
32
dB
5530.0
... 5665.0
MHz
20
27
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com