Electronic Components Datasheet Search
  English  ▼

X  

B7699 Datasheet(PDF) 6 Page - EPCOS

Part # B7699
Description  SAW Duplexer for W-CDMA Band IV / CDMA 1x AWS Band
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7699 Datasheet(HTML) 6 Page - EPCOS

Back Button B7699 Datasheet HTML 2Page - EPCOS B7699 Datasheet HTML 3Page - EPCOS B7699 Datasheet HTML 4Page - EPCOS B7699 Datasheet HTML 5Page - EPCOS B7699 Datasheet HTML 6Page - EPCOS B7699 Datasheet HTML 7Page - EPCOS B7699 Datasheet HTML 8Page - EPCOS B7699 Datasheet HTML 9Page - EPCOS B7699 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
February 04, 2010
B7699
1732.5/2132.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data Sheet
Characteristics for CDMA 1x AWS Band
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Antenna terminating impedance:
ZANT=50 Ω
RX terminating impedance:
ZRX =50Ω
TX terminating impedance:
ZTX =50 Ω
Characterisitcs TX - ANT
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
1732.5
MHz
Maximum insertion attenuation
α
1710.0
... 1755.0
MHz
1.6
2.0
dB
1710.0
... 1755.0
MHz
1.6
1.91)
1) Maximum insertion attenuation at room temperature T= +25 ˚C
dB
Amplitude ripple (p-p)
∆α
1710.0
... 1755.0
MHz
0.4
1.0
dB
Input VSWR (TX port)
1710.0
... 1755.0
MHz
1.9
2.0
Output VSWR (ANT port)
1710.0
... 1755.0
MHz
1.7
2.0
Attenuation
α
0.3
... 1000.0
MHz
30
38
dB
1310.0
... 1355.0
MHz
30
36
dB
1574.0
... 1577.0
MHz
38
45
dB
2110.0
... 2155.0
MHz
43
46
dB
2400.0
... 2500.0
MHz
25
37
dB
3420.0
... 3510.0
MHz
20
25
dB
5130.0
... 5265.0
MHz
7
12
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com