Electronic Components Datasheet Search
  English  ▼

X  

MAX14600 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX14600
Description  USB Host Charger Identification/Adapter Emulators Greater User Flexibility
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14600 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX14600 Datasheet HTML 8Page - Maxim Integrated Products MAX14600 Datasheet HTML 9Page - Maxim Integrated Products MAX14600 Datasheet HTML 10Page - Maxim Integrated Products MAX14600 Datasheet HTML 11Page - Maxim Integrated Products MAX14600 Datasheet HTML 12Page - Maxim Integrated Products MAX14600 Datasheet HTML 13Page - Maxim Integrated Products MAX14600 Datasheet HTML 14Page - Maxim Integrated Products MAX14600 Datasheet HTML 15Page - Maxim Integrated Products MAX14600 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
���������������������������������������������������������������� Maxim Integrated Products 13
MAX14600–MAX14605
USB Host Charger Identification/Adapter Emulators
in USB Battery Charger Specification 1.2 when the
charging host supports the CDP mode. This is a useful
feature since most host USB transceivers do not have
the CDP function. Table 3 shows the different power
states of S0–S5.
Bus Voltage Discharge
The MAX14601/MAX14604 auto current-limit switch-
control output can be used to discharge the VBUS dur-
ing VBUS reset. When the system controls the current
limit switch for VBUS toggle, the output capacitor can
be discharged slowly depending upon the load. If fast
discharge of the VBUS is desired, the CEN output can be
used to discharge the VBUS (Figure 6.)
Data Contact Detect Support
The MAX14600–MAX14605 family support USB devices
that require detecting the USB data lines prior to charging.
When a USB Revision 1.2-compliant device is attached,
the USB data lines DP and DM are shorted together.
The short remains until it is detected by the USB device.
This feature guarantees appropriate charger detection
if a USB Revision 1.2-compliant device is attached. The
autodetection charger mode is activated after the data
contact detect is established. CB0 and CB1 must be set
low to activate data contact detect support.
Figure 5. MAX14601/MAX14604 Peripheral Reset Applications Diagram
Table 3. Different Power States
STATE
DESCRIPTION
S0
System on.
S1
Power to the CPU(s) and RAM is maintained;
devices that do not indicate they must remain on
can be powered down.
S2
CPU is powered off.
S3
Standby (suspend to RAM). System memory con-
text is maintained, and all other system context
is lost.
S4
Hibernate. Platform context is maintained.
S5
Soft off.
MAX14601
MAX14604
USB
TRANSCEIVER
CURRENT-LIMIT
SWITCH
PM/AM
SYSTEM CONTROL
CM/FM
CB1
CB0
+5V POWER
SUPPLY
VCC
TDM
TDP
TDM
TDP
0.1µF
150µF
GND
USB
CONNECTION
D+
DP
GND
VCC
D-
VBUS
VBUS
DM
EN
PS EN
CEN
1kΩ
33kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com