Electronic Components Datasheet Search
  English  ▼

X  

MAX14600 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX14600
Description  USB Host Charger Identification/Adapter Emulators Greater User Flexibility
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14600 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX14600 Datasheet HTML 1Page - Maxim Integrated Products MAX14600 Datasheet HTML 2Page - Maxim Integrated Products MAX14600 Datasheet HTML 3Page - Maxim Integrated Products MAX14600 Datasheet HTML 4Page - Maxim Integrated Products MAX14600 Datasheet HTML 5Page - Maxim Integrated Products MAX14600 Datasheet HTML 6Page - Maxim Integrated Products MAX14600 Datasheet HTML 7Page - Maxim Integrated Products MAX14600 Datasheet HTML 8Page - Maxim Integrated Products MAX14600 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
����������������������������������������������������������������� Maxim Integrated Products 2
MAX14600–MAX14605
USB Host Charger Identification/Adapter Emulators
All voltages referenced to GND.
VCC, TDP, TDM, CB0, CB1, DP, DM, CEN, CEN.... -0.3V to +6.0V
Continuous Current into Any Terminal ............................ Q30mA
Continuous Power Dissipation (TA = +70NC)
TDFN (derate 11.9mW/NC above +70NC).................953.5mW
Operating Temperature Range.......................... -40NC to +85NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
TDFN
Junction-to-Ambient Thermal Resistance (BJA) ..........84NC/W
Junction-to-Case Thermal Resistance (BJC) ...............37NC/W
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
ELECTRICAL CHARACTERISTICS
(VCC = 3.0V to 5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = 5.0V, TA = +25NC.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Power-Supply Range
VCC
VCB0 > VIH
3.0
5.5
V
VCB0 = 0V (Note 3)
4.75
5.25
Supply Current
ICC
VCB0 = VCB1 = VCC = 5.25V, CM mode
50
100
F
A
VCB0 = VCC = 5.25V, VCB1 = 0V, PM mode
4
20
VCB0 = 0V, VCB1 = VCC = 5.25V, FM mode
10
50
VCB0 = VCB1 = 0V, AM mode
130
200
ANALOG SWITCH
Analog-Signal Range
VDP, VDM
0
VCC
V
On-Resistance TDP/TDM Switch
RON
VTDP = VTDM = 0V to VCC, ITDP = ITDM =
10mA
3.5
6.5
I
On-Resistance Match Between
Channels TDP/TDM Switch
D
RON
VCC = 5.0V, VDP = VDM = 400mV,
IDP = IDM = 10mA
0.1
I
On-Resistance Flatness
TDP/TDM Switch
RFLAT
VCC = 5.0V, VDP = VDM = 0 to VCC,
IDP = IDM = 10mA
0.1
I
On-Resistance of DP/DM Short
RSHORT
VCB0 = 0V, VCB1 = VCC, VDP = 1V, RDM
= 20k
W
70
120
I
Off-Leakage Current
ITDPOFF,
ITDMOFF
VCC = 3.6V, VDP = VDM = 0.3V to 3.3V,
VTDP = VTDM = 3.3V to 0.3V
-250
+250
nA
On-Leakage Current
IDPON,
IDMON
VCC = 3.6V, VDP = VDM = 3.3V to 0.3V,
VCB_ = VCC
-250
+250
nA
DYNAMIC PERFORMANCE (Note 4)
Turn-On Time
tON
VTDP or VTDM = 1.5V, RL = 300I,
CL = 35pF, VIH = VCC, VIL = 0V, Figure 1
300
800
F
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com