Electronic Components Datasheet Search
  English  ▼

X  

MAX13301 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX13301
Description  4-Channel, Automotive Class D Audio Amplifier Feedback After the Filter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13301 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX13301 Datasheet HTML 17Page - Maxim Integrated Products MAX13301 Datasheet HTML 18Page - Maxim Integrated Products MAX13301 Datasheet HTML 19Page - Maxim Integrated Products MAX13301 Datasheet HTML 20Page - Maxim Integrated Products MAX13301 Datasheet HTML 21Page - Maxim Integrated Products MAX13301 Datasheet HTML 22Page - Maxim Integrated Products MAX13301 Datasheet HTML 23Page - Maxim Integrated Products MAX13301 Datasheet HTML 24Page - Maxim Integrated Products MAX13301 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
4-Channel, Automotive Class D Audio Amplifier
21
Table_11._Control_Register_3
Table_12._Control_Register_3_Bit_Description
CTRL3
BIT_#
7
6
5
4
3
2
1
0
NAME
TW
RDET
SDET
DIS
—
HCL
—
LDM
POR
0
0
0
0
0
0
0
0
BIT
BIT_DESCRIPTION
TW
Tweeter-Detect Current Threshold Setting
0 = The current threshold at which OSTAT1.LOAD[3:0] (load indicator bit) asserts is set equal to the shorted-
load current threshold (see the Electrical Characteristics table). Use this setting when running shorted-load
diagnostic.
1 = The current threshold at which OSTAT1.LOAD[3:0] asserts is set equal to the tweeter detect current
threshold. This threshold is approximately 25% of the default value to facilitate tweeter detection. Use this
setting when the running tweeter diagnostic or for detecting the presence of a speaker.
RDET
Open-Load Diagnostic Enable. Upon detecting an open load on any of the outputs, the corresponding
OSTAT1.LDOK[3:0] (load OK indicator bit) asserts. Always perform short-to-ground and short-to-battery
diagnosis before entering RDET mode. If a short-to-battery is detected, do not enter RDET mode. After
performing the short-to-battery test, discharge both outputs by setting CTRL3.DIS to 1 for 200µs, then reset
CTRL3.DIS back to 0. Failure to follow this procedure can result in a loud pop at the speaker.
Because the results are not latched, read LDOK[3:0] before clearing RDET. Wait a minimum of 200µs before
reading these status bits. RDET can only be set after three-stating all four outputs. When performing the
open-load diagnostic, set the CTRL3.SDET (short-to-ground/battery enable) bit to 0.
0 = Disable open-load diagnostic
1 = Enable open-load diagnostic
SDET
Short-to-Ground/Battery Diagnostic Enable. Upon detecting a short-to-ground or battery on any of the outputs,
the corresponding OSTAT2.SBAT[3:0] (short-to-battery) and OSTAT2.SGND[3:0] (short-to-ground) bits assert.
Because the results are not latched, read OSTAT2.SBAT[3:0] and OSTAT2.SGND[3:0] before clearing SDET.
Wait a minimum of 200µs before reading these status bits. Before setting SDET to 1, three-state all four out-
puts and set the CTRL3.DIS (discharge output enable) bit to 1 and then reset back to 0. Before performing
the short-to-ground/battery diagnostic, set the CTRL3.RDET (open-load diagnostic enable) bit to 0. To test for
short-to-ground, set CTRL2.STBY to 0, and to test for short-to-battery, set CTRL2.STBY to 1.
0 = Disable short-to-ground/battery diagnostic
1 = Enable short-to-ground/battery diagnostic
DIS
Discharge Output Enable. Set DIS to 1 to discharge all outputs with 15mA current sources. Use DIS to dis-
charge all outputs before performing the short-to-ground/battery diagnostic (SDET) to avoid a loud pop on
the speaker. DIS can only be set to 1 after three-stating all four outputs.
0 = Output discharge is disabled.
1 = Output discharge is enabled.
HCL
Current-Limit Level. HCL sets the current-limit threshold of the outputs during normal operation.
0 = 7A (typ) current limit
1 = 8.75A (typ) current limit
LDM
Line-Driver Mode. Use LDM to set the load resistance threshold required to assert the OSTAT1.LDOK[3:0]
(load-okay indicator bit). Any load with a resistance greater than the threshold is interpreted as an open
output.
0 = Line-driver mode, OSTAT1.LDOK[3:0] = 1 if RL > 300I
1 = Power amplifier mode, OSTAT1.LDOK[3:0] = 1 if RL > 100I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com