Electronic Components Datasheet Search
  English  ▼

X  

MAX13331GEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX13331GEE
Description  Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13331GEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX13331GEE Datasheet HTML 7Page - Maxim Integrated Products MAX13331GEE Datasheet HTML 8Page - Maxim Integrated Products MAX13331GEE Datasheet HTML 9Page - Maxim Integrated Products MAX13331GEE Datasheet HTML 10Page - Maxim Integrated Products MAX13331GEE Datasheet HTML 11Page - Maxim Integrated Products MAX13331GEE Datasheet HTML 12Page - Maxim Integrated Products MAX13331GEE Datasheet HTML 13Page - Maxim Integrated Products MAX13331GEE Datasheet HTML 14Page - Maxim Integrated Products MAX13331GEE Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Automotive DirectDrive Headphone Amplifiers
with Output Protection and Diagnostics
______________________________________________________________________________________
13
CPVSS
VSS
C1P
DIAG
OUTR
C2
1
μF
C1
1
μF
C1N
CLICK-AND-POP
SUPPRESSION
VDD
VSS
45k
Ω
45k
Ω
30k
Ω
0.33
μF
UVLO/
SHUTDOWN
CONTROL
CHARGE
PUMP
OUTL
CPVDD
VDD
INR
SHDN
INL
PGND
SGND
RIGHT CHANNEL
AUDIO IN
LEFT CHANNEL
AUDIO IN
4V to 5.5V
C3
1
μF
10nF
1nF
CPVSS
ESD PROTECTION
DIODES
1nF
MAX13330
VDD
VSS
30k
Ω
0.33
μF
Typical Application Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com