Electronic Components Datasheet Search
  English  ▼

X  

MAX13331GEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX13331GEE
Description  Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13331GEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX13331GEE Datasheet HTML 1Page - Maxim Integrated Products MAX13331GEE Datasheet HTML 2Page - Maxim Integrated Products MAX13331GEE Datasheet HTML 3Page - Maxim Integrated Products MAX13331GEE Datasheet HTML 4Page - Maxim Integrated Products MAX13331GEE Datasheet HTML 5Page - Maxim Integrated Products MAX13331GEE Datasheet HTML 6Page - Maxim Integrated Products MAX13331GEE Datasheet HTML 7Page - Maxim Integrated Products MAX13331GEE Datasheet HTML 8Page - Maxim Integrated Products MAX13331GEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Automotive DirectDrive Headphone Amplifiers
with Output Protection and Diagnostics
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = VCPVDD = +5V, VSGND = VPGND = 0V, SHDN = VDD, C1 = C2 = 1µF, RL =
∞, resistive load referenced to ground, for
MAX13330 gain = -1.5V/V (internally set), for MAX13331 gain = -1.5V/V (RIN = 30k
Ω, RFB = 45kΩ), TA = TJ = -40°C to +105°C, unless
otherwise noted. Typical values are at TA = +25°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Short-to-SGND Threshold
130
mA
Short-to-VBAT Threshold
130
mA
AMPLIFIERS
Voltage Gain
AV
MAX13330
-1.48
-1.5
-1.52
V/V
Gain Matching
MAX13330
±0.2
%
Input Offset Voltage
±1
±6
mV
Input Bias Current
VIN_ = 0V
50
nA
Input Impedance
RIN
MAX13330
20
30
k
DC, VDD = 4.0V to 5.5V, input referred
-86
Power-Supply Rejection Ratio
PSRR
f =1kHz, VRIPPLE = 100mVP-P
-80
dB
RL = 8
75
RL = 16
120
Output Power Per Channel
POUT_
THD+N = 1%;
VDD = VCPVDD = 5V;
fIN = 1kHz
RL = 32
135
mW
Output Voltage
VOUT_
RL = 1k
2
VRMS
Output Impedance in Shutdown
14
k
RL = 16 , POUT = 100mW, f = 1kHz
0.03
%
Total Harmonic Distortion Plus
Noise
THD+N
RL = 32 , POUT = 125mW, f = 1kHz
0.01
%
Signal-to-Noise Ratio
SNR
RL = 32 , POUT = 135mW, f = 22Hz to 22kHz
100
dB
Noise
Vn
f = 22Hz to 22kHz bandwidth; inputs
AC-coupled to grounded
6
μVRMS
Slew Rate
SR
0.3
V/μs
Maximum Capacitive Load
CL
No sustained oscillation
3000
pF
Into shutdown
-80
Click-and-Pop Level
KCP
Peak voltage, TA =
+25°C, A-weighted,
32 samples per
second; Inputs AC-
coupled to ground
Out of shutdown
-60
dB
Charge-Pump Oscillator
Frequency
fOSC
1.9
2.2
2.5
MHz
Crosstalk
RL = 32 , VIN = 200mVP-P, f = 10kHz
-75
dB
Thermal-Shutdown Temperature
+155
°C
Thermal-Shutdown Hysteresis
10
°C
ESD Protection
Human Body Model (OUTR and OUTL)
±15
kV
Note 2: All devices are 100% tested at TA = +25°C; specifications over temperature limits are guaranteed by design and QA
sampling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com