Electronic Components Datasheet Search
  English  ▼

X  

B9441 Datasheet(PDF) 3 Page - EPCOS

Part # B9441
Description  SAW Tx Filter KPCS & UMTS 1700
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9441 Datasheet(HTML) 3 Page - EPCOS

  B9441 Datasheet HTML 1Page - EPCOS B9441 Datasheet HTML 2Page - EPCOS B9441 Datasheet HTML 3Page - EPCOS B9441 Datasheet HTML 4Page - EPCOS B9441 Datasheet HTML 5Page - EPCOS B9441 Datasheet HTML 6Page - EPCOS B9441 Datasheet HTML 7Page - EPCOS B9441 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Jul 23, 2009
B9441
1767.4 MHz
SAW Components
SAW Tx Filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
=
–30 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25˚C
max.
min./
max.
Center frequency
fC
—
1767.4
—
MHz
Maximum insertion attenuation
α
max
1749.9 ... 1784.9
MHz
—
1.6
2.0
dB CTQ
Amplitude ripple (p-p)
∆α
1749.9 ... 1784.9
MHz
—
0.6
1.2
dB
Input VSWR
1749.9 ... 1784.9
MHz
—
1.6
2.0
Output VSWR
1749.9 ... 1784.9
MHz
—
1.6
2.0
Attenuation
α
DC
... 1574.0
MHz
25
34
—
dB
1574.0 ... 1577.0
MHz
35
41
—
dB
1577.0 ... 1690.0
MHz
25
41
—
dB
1840.0 ... 1880.0
MHz
38
45
—
dB
1880.0 ... 1920.0
MHz
25
40
—
dB
2110.0 ... 2170.0
MHz
27
40
—
dB
2400.0 ... 2500.0
MHz
25
40
—
dB
3490.0 ... 3570.0
MHz
30
45
—
dB
5240.0 ... 5355.0
MHz
20
33
—dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com