Electronic Components Datasheet Search
  English  ▼

X  

B9441 Datasheet(PDF) 4 Page - EPCOS

Part # B9441
Description  SAW Tx Filter KPCS & UMTS 1700
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9441 Datasheet(HTML) 4 Page - EPCOS

  B9441 Datasheet HTML 1Page - EPCOS B9441 Datasheet HTML 2Page - EPCOS B9441 Datasheet HTML 3Page - EPCOS B9441 Datasheet HTML 4Page - EPCOS B9441 Datasheet HTML 5Page - EPCOS B9441 Datasheet HTML 6Page - EPCOS B9441 Datasheet HTML 7Page - EPCOS B9441 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Jul 23, 2009
B9441
1767.4 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Tx Filter
Data sheet
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
50 1)
1) acc. to JESD22-A115A (machine model), 1 negative & 1 positive pulses.
V
machine model, 1 pulse
Input Power at
KPCS & UMTS
PIN
13
dBm
continuous wave
Tx bands



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com