Electronic Components Datasheet Search
  English  ▼

X  

B9452 Datasheet(PDF) 3 Page - EPCOS

Part # B9452
Description  SAW Tx filter WCDMA band IV Tx
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9452 Datasheet(HTML) 3 Page - EPCOS

  B9452 Datasheet HTML 1Page - EPCOS B9452 Datasheet HTML 2Page - EPCOS B9452 Datasheet HTML 3Page - EPCOS B9452 Datasheet HTML 4Page - EPCOS B9452 Datasheet HTML 5Page - EPCOS B9452 Datasheet HTML 6Page - EPCOS B9452 Datasheet HTML 7Page - EPCOS B9452 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
June 05, 2009
B9452
1732.5 MHz
SAW Components
SAW Tx filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T = -20 ˚C to +85 ˚C
Terminating source impedance:
ZS = 200 Ω (balanced)
Terminating load impedance:
ZL = 50 Ω (unbalanced)
B9452
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1732.5
—
MHz
Maximum insertion attenuation
1710.4
... 1754.6
MHz
α
max
1.6
2.2
dB
@f
Carrier
1712.4
... 1752.6
MHz
α
WCDMA
1)
1) Attenuation of WCDMA signal (“Powertransferfunction”). Please refer to annotation on page (5).
—
1.6
2.2
dB
Amplitude ripple (p-p)
1710.4
... 1754.6
MHz
∆α
—
0.5
1.1
dB
Error Vector Magnitude2)
2) Error Vector Magnitude (EVM) based on definition given in 3GPP TS 25.141.
@f
Carrier
1712.4
... 1752.6
MHz
EVM
—
1.3
2.5
%
Input VSWR
1710.4
... 1754.6
MHz
—
1.8
2.1
Output VSWR
1710.4
... 1754.6
MHz
—
1.7
2.0
CMRR (|S21-S31| / |S21+S31|)
1710.4
... 1754.6
MHz
193)
3) A CMRR of 19.3 dB corresponds to a phase balance of 10
˚ together with an amplitude balance
of 1.1 dB
25
—
dB
Attenuation
α
DC
... 1452.0
MHz
30
55
—
dB
1452.0
... 1580.0
MHz
30
40
—
dB
1580.0
... 1670.0
MHz
20
25
—
dB
1670.0
... 1675.0
MHz
30
45
—
dB
1880.0
... 2110.0
MHz
25
35
—
dB
2110.0
... 2155.0
MHz
30
46
—
dB
2155.0
... 2400.0
MHz
20
40
—
dB
2400.0
... 2500.0
MHz
25
36
—
dB
2500.0
... 5150.0
MHz
25
42
—
dB
5150.0
... 6000.0
MHz
25
42
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com