Electronic Components Datasheet Search
  English  ▼

X  

B9452 Datasheet(PDF) 4 Page - EPCOS

Part # B9452
Description  SAW Tx filter WCDMA band IV Tx
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9452 Datasheet(HTML) 4 Page - EPCOS

  B9452 Datasheet HTML 1Page - EPCOS B9452 Datasheet HTML 2Page - EPCOS B9452 Datasheet HTML 3Page - EPCOS B9452 Datasheet HTML 4Page - EPCOS B9452 Datasheet HTML 5Page - EPCOS B9452 Datasheet HTML 6Page - EPCOS B9452 Datasheet HTML 7Page - EPCOS B9452 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
June 05, 2009
B9452
1732.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Tx filter
Data sheet
Annotation for characteristics section
Attenuation of WCDMA signal (“Powertransferfunction”,
α
WCDMA) is determined by
fCarrier according to 3GPP TS 25.101 (e.g. for band VIII RX passband, fCarrier ranges from 927.4
MHz (lowest RX channel) to 957.6 MHz (highest RX channel)). HRRC(f) is the transfer function
of the root-raised cosine transmit pulse shaping filter according to 3GPP TS 25.101 with the fol-
lowing normalization:
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
501)
1) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Input power at WCDMA
PIN
10
dBm
continuous wave
Tx band
@ +55 ˚C ambient
S
s
d21 f
()H
RRC ff Carrier
–
()
2
f
d
∞
∞
∫
H
RRC f
()
2
f1
=
d
∞
∞
∫



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com