Electronic Components Datasheet Search
  English  ▼

X  

B9453 Datasheet(PDF) 3 Page - EPCOS

Part # B9453
Description  SAW Filter Low-Loss Filter for TD-SCDMA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9453 Datasheet(HTML) 3 Page - EPCOS

  B9453 Datasheet HTML 1Page - EPCOS B9453 Datasheet HTML 2Page - EPCOS B9453 Datasheet HTML 3Page - EPCOS B9453 Datasheet HTML 4Page - EPCOS B9453 Datasheet HTML 5Page - EPCOS B9453 Datasheet HTML 6Page - EPCOS B9453 Datasheet HTML 7Page - EPCOS B9453 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Dec 01, 2009
B9453
2017.5 MHz
SAW Components
SAW Filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
=
–30 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25˚C
max.
Center frequency
fC
—
2017.5
—
MHz
Maximum insertion attenuation
α
max
2010.0 ... 2025.0
MHz
—
1.9
2.6
dB CTQ
Amplitude ripple (p-p)
∆α
2010.0 ... 2025.0
MHz
—
0.3
1.0
dB
Input VSWR
2010.0 ... 2025.0
MHz
—
1.5
2.0
Output VSWR
2010.0 ... 2025.0
MHz
—
1.5
2.0
Group delay ripple (p-p)
2010.0 ... 2025.0
MHz
—
6
20
ns
Attenuation
α
0
... 1840.0
MHz
38
42
—
dB
1840.0 ... 1950.0
MHz
33
36
—
dB
1950.0 ... 1980.0
MHz
14
24
—
dB
1980.0 ... 1990.0
MHz
4 1)
1) 5 dB at
25 ˚C
12
—
dB
2045.0 ... 2050.0
MHz
3
18
—
dB
2050.0 ... 2085.0
MHz
15
18
—
dB
2085.0 ... 2120.0
MHz
23
26
—
dB
2120.0 ... 2160.0
MHz
28
32
—
dB
2160.0 ... 2500.0
MHz
28
33
—
dB
2500.0 ... 4000.0
MHz
34
37
—
dB
4000.0 ... 6000.0
MHz
25
30
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com