Electronic Components Datasheet Search
  English  ▼

X  

B9453 Datasheet(PDF) 4 Page - EPCOS

Part # B9453
Description  SAW Filter Low-Loss Filter for TD-SCDMA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9453 Datasheet(HTML) 4 Page - EPCOS

  B9453 Datasheet HTML 1Page - EPCOS B9453 Datasheet HTML 2Page - EPCOS B9453 Datasheet HTML 3Page - EPCOS B9453 Datasheet HTML 4Page - EPCOS B9453 Datasheet HTML 5Page - EPCOS B9453 Datasheet HTML 6Page - EPCOS B9453 Datasheet HTML 7Page - EPCOS B9453 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Dec 01, 2009
B9453
2017.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Filter
Data sheet
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
3
V
ESD voltage
VESD
50 1)
1) acc. to JESD22-A115A (machine model), 1 negative & 1 positive pulses.
V
machine model, 1 pulses
Input Power at
2010.0...2025.0 MHz
PIN
6
dBm
effective power in the on-state
Tx bands
duty cycle 4:8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com