Electronic Components Datasheet Search
  English  ▼

X  

B9454 Datasheet(PDF) 3 Page - EPCOS

Part # B9454
Description  SAW Rx Filter MediaFLO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9454 Datasheet(HTML) 3 Page - EPCOS

  B9454 Datasheet HTML 1Page - EPCOS B9454 Datasheet HTML 2Page - EPCOS B9454 Datasheet HTML 3Page - EPCOS B9454 Datasheet HTML 4Page - EPCOS B9454 Datasheet HTML 5Page - EPCOS B9454 Datasheet HTML 6Page - EPCOS B9454 Datasheet HTML 7Page - EPCOS B9454 Datasheet HTML 8Page - EPCOS B9454 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
August 27, 2009
B9454
722.0 MHz
SAW Components
SAW Rx Filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
=
-10 ˚C to +60 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL = 100 Ω
min.
typ.
@25˚C
max.
Center frequency
fC
—
722.0
—
MHz
Maximum insertion attenuation
716.29...727.71 MHz
α
max
—
1.4
2.0
dBINT 1) CTQ
Input VSWR
716.29...727.71 MHz
—
1.7
2.2
Output VSWR
716.29...727.71 MHz
—
1.7
2.2
Output amplitude balance (|S31/S21|)
716.29...727.71 MHz
–1.2
-0.2/0.7
1.2
dB
Output phase balance (
φ(S
31)−φ(S21)+180˚)
716.29...727.71 MHz
–12
-5/+6
12
˚
Group delay ripple (p-p)
716.29...727.71 MHz
—
25
80
ns
Attenuation
α
abs
0.1 ...
650.0 MHz
40
45
—
dB
650.0 ...
698.0 MHz
22
27
—
dB
ch53:
707.0 MHz
16
25
—
dBINT
ch54:
713.0 MHz
2.5
3.5
—
dBINT
ch57:
731.0 MHz
1
2
—
dBINT
ch58:
737.0 MHz
6
16
—
dBINT
776.0 ...
798.0 MHz
32
42
—
dB
824.0 ...
960.0 MHz
35
43
—
dB
1575.0 MHz
35
45
—
dB
1710.0 ... 1785.0 MHz
40
45
—
dB
1920.0 ... 1980.0 MHz
40
45
—
dB
2400.0 ... 2484.0 MHz
30
45
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com