Electronic Components Datasheet Search
  English  ▼

X  

B9454 Datasheet(PDF) 6 Page - EPCOS

Part # B9454
Description  SAW Rx Filter MediaFLO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9454 Datasheet(HTML) 6 Page - EPCOS

Back Button B9454 Datasheet HTML 2Page - EPCOS B9454 Datasheet HTML 3Page - EPCOS B9454 Datasheet HTML 4Page - EPCOS B9454 Datasheet HTML 5Page - EPCOS B9454 Datasheet HTML 6Page - EPCOS B9454 Datasheet HTML 7Page - EPCOS B9454 Datasheet HTML 8Page - EPCOS B9454 Datasheet HTML 9Page - EPCOS B9454 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
August 27, 2009
B9454
722.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Rx Filter
Data sheet
Maximum ratings
1) dB
INT is integrated rejection (see formula below)
dBINT = 20*log
Where Loss(Fn)=
N = Number of frequency, insertion loss pairs in a channel
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
3
V
ESD voltage
VESD
100 1)
1) acc. to JESD22-A115A (machine model), 1 negative & 1 positive pulse.
V
machine model, 1 pulse
Input Power at
400.0...500.0 MHz PIN
15
dBm
824.0...2400.0 MHz
CW
Loss F
n1
–
() Loss F
n
()
+
2
------------------------------------------------------------
F
n
F
n1
–
–
()
×
2
N
∑
F
N
F
1
–
--------------------------------------------------------------------------------------------------------
10
S
21 indB
() 20
⁄



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com