Electronic Components Datasheet Search
  English  ▼

X  

B9461 Datasheet(PDF) 7 Page - EPCOS

Part # B9461
Description  SAW RX filter WCDMA band VIII / GSM 900
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9461 Datasheet(HTML) 7 Page - EPCOS

  B9461 Datasheet HTML 1Page - EPCOS B9461 Datasheet HTML 2Page - EPCOS B9461 Datasheet HTML 3Page - EPCOS B9461 Datasheet HTML 4Page - EPCOS B9461 Datasheet HTML 5Page - EPCOS B9461 Datasheet HTML 6Page - EPCOS B9461 Datasheet HTML 7Page - EPCOS B9461 Datasheet HTML 8Page - EPCOS B9461 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
January 13, 2010
B9461
942.5 MHz
SAW Components
SAW RX filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Annotation for characteristics section
Attenuation of WCDMA and LTE signal (“Powertransferfunction”,
α
WCDMA, αLTE) are
determined by
HRRC(f) is the transfer function of the root-raised cosine transmit pulse shaping filter according
to 3GPP TS 25.101 with the following normalization:
fCarrier of WCDMA signal according to 3GPP TS 25.101 (e.g. for band VIII RX passband, fCarrier
ranges from 927.4 MHz (fC of lowest Rx channel) to 957.6 MHz (fC of highest Rx channel)).
fCarrier of LTE signal according to 3GPP TS 36.101 with a channel band width of 1.08 MHz
(equals 6 Resource Blocks) and a guard band of 0.16 MHz (e.g. for band VIII RX passband,
fCarrier ranges from 925.7 MHz (fC of lowest Rx channel) to 959.3 MHz (fC of highest Rx chan-
nel)).
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
1001)
1) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Input power
PIN
17
dBm
10000h @ 55˚C
S
s
d21 f
()H
RRC ff Carrier
–
()
2
f
d
∞
∞
∫
H
RRC f
()
2
f1
=
d
∞
∞
∫



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com