Electronic Components Datasheet Search
  English  ▼

X  

B9461 Datasheet(PDF) 3 Page - EPCOS

Part # B9461
Description  SAW RX filter WCDMA band VIII / GSM 900
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9461 Datasheet(HTML) 3 Page - EPCOS

  B9461 Datasheet HTML 1Page - EPCOS B9461 Datasheet HTML 2Page - EPCOS B9461 Datasheet HTML 3Page - EPCOS B9461 Datasheet HTML 4Page - EPCOS B9461 Datasheet HTML 5Page - EPCOS B9461 Datasheet HTML 6Page - EPCOS B9461 Datasheet HTML 7Page - EPCOS B9461 Datasheet HTML 8Page - EPCOS B9461 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
January 13, 2010
B9461
942.5 MHz
SAW Components
SAW RX filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T = -20 ˚C to +85 ˚C
Terminating source impedance:
ZS = 50 Ω (unbalanced)
Terminating load impedance:
ZL = 100 Ω (balanced)
B9461
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
942.5
—
MHz
Maximum insertion attenuation
@f
Carrier Bd 8 RX
927.4
...
957.6
MHz
α
WCDMA
1)
1) Attenuation of WCDMA signal (“Powertransferfunction”). Please refer to annotation on page 7).
—
2.6
3.0
dB
@f
Carrier Bd 8 RX
925.7
...
959.3
MHz
α
LTE
2)
2) Attenuation of LTE signal (“Powertransferfunction”). Please refer to annotation on page (7).
—
2.7
3.6
dB
925.0
...
960.0
MHz
α
GSM
—
2.8
4.0
dB
Amplitude ripple (p-p)
925.0
...
960.0
MHz
∆α
—
1.5
2.7
dB
Error Vector Magnitude3)
3) Error Vector Magnitude (EVM) based on definition given in 3GPP TS 25.141.
@f
Carrier Bd 8 RX
927.4
...
957.6
MHz
EVM
—
3.2
6.0
%
Input VSWR
925.0
...
960.0
MHz
—
2.0
2.2
Output VSWR
925.0
...
960.0
MHz
—
2.1
2.3
CMRR (|S21-S31| / |S21+S31|)
925.0
...
960.0
MHz
21
234)
4) A CMRR of 22.8 dB corresponds to a phase balance of 5
˚ togeher an amplitude balance of 1.0
dB
—
dB
Attenuation
α
DC
...
880.0
MHz
40
59
—
dB
@f
Carrier Bd 8 TX
882.4
...
912.6
MHz
α
WCDMA
1)
50
55
—
dB
@f
Carrier Bd 8 TX
880.7
...
914.3
MHz
α
LTE
2)
41
52
—
dB
880.0
...
915.0
MHz
α
GSM
35
51
—
dB
980.0
... 1045.0
MHz
24
29
—
dB
1045.0
... 1700.0
MHz
35
51
—
dB
1700.0
... 2600.0
MHz
40
60
—
dB
2600.0
... 2682.0
MHz
45
60
—
dB
2682.0
... 4345.0
MHz
40
53
—
dB
4345.0
... 4470.0
MHz
45
60
—
dB
4470.0
... 6000.0
MHz
45
57
—
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com