Electronic Components Datasheet Search
  English  ▼

X  

MP650 Datasheet(PDF) 6 Page - Mean Well Enterprises Co., Ltd.

Part # MP650
Description  450W/650W/1000W Modular Power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MP650 Datasheet(HTML) 6 Page - Mean Well Enterprises Co., Ltd.

  MP650 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MP650 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. MP650 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. MP650 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. MP650 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. MP650 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
(HORIZONTAL)
3max.
3max.
FileName:MP-450,650,1K0-SPEC2010-10-18
MechanismofOutputModules
450W/650W/1000WModularPower
M P series
MD-100
NOTE:1.RemoteON/OFFofCN4turnON/OFFtheentirepowersystem
NOTE:1.Thevoltagedifferenceamongeachoutputshouldbeminimizedthatlessthan2%isrequired.
2.RemoteON/OFFofCN20,CN33,CN41,CN51turnON/OFFtheindividualoutputmodule
2.Thetotaloutputcurrentmustnotexceedthevaluedeterminedbythefollowingequation.
3.SVR1~5:DCoutputvoltageadjustment(SVR4forCH2ofMD-100,SVR5forCH1ofMD-100)
(Outputcurrentatparalleloperation)=(Theratedcurrentperunit)
(Numberofunit)
0.9
MS-300
OutputConnector(CN33)JST B6B-XHorequivalent
:
PinNo.
1
3
5
4
6
2
Assignment
MatingHousing
JST XHP
orequivalent
Terminal
JST SXH-001T-P0.6
orequivalent
+S:+Remotesensing
-S:-Remotesensing
+RC:+RemoteON/OFF
-RC:-RemoteON/OFF
P:Currentsharing
G:GND
OutputConnector(CN41):JST B2B-ZRorequivalent
PinNo.
1
2
Assignment
+RC
-RC
MatingHousing
JST ZHR-2
orequivalent
Terminal
JST SZH-002T-P0.5
orequivalent
DeratingCurve
AMBIENTTEMPERATURE(
)
-20
0
10
20
30
40
50
60
70
20
40
50
60
80
100
INPUTVOLTAGE(V)60Hz
100
90
80
85
70
80
Ta=25
85
90
100
120
140
160
180
200
220
240
264
StaticCharacteristics
SVR3
2
SVR5
CN41
1
SVR4
21max.
138
+V1
GND1
+V2
GND2
+V
CN33
1
6
-V
+V
-V
138
16max.
16max.
42max.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com