Electronic Components Datasheet Search
  English  ▼

X  

MP650 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # MP650
Description  450W/650W/1000W Modular Power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MP650 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  MP650 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MP650 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. MP650 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. MP650 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. MP650 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. MP650 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPECIFICATION
OutputConfigurationGuide
MP
-
-
Example:MP1K0- A
2
2
E
K
#
S
SLOT1 SLOT2 SLOT3 SLOT4 SLOT5 SLOT6 SLOT7
450/650/1K0(450W/650W/1000W)
SLOT1
O/P:2V@25A
SLOT2,3
O/P:12V@25A
SLOT6,7
O/P:48V@6.3A
SLOT4
BlankSlot
SLOT5
O/P:5V@10A
12V@4.2A
Singleoutput(MS-150)
Singleoutput(MS-75)
Dualoutput(MD-100)
1SLOT (150Wmax.)
1SLOT (75Wmax.)
1SLOT (100Wmax.)
A
2A
R
B
2B
L
C
2C
M
S
D
2D
E
2E
N
T
U
W
V
X
F
2F
O
G
2G
H
2H
P
I
2I
J
2J
K
2K
Q
Voltagecode
Voltagecode
Voltagecode
Voltagecode
Voltage
Voltage
Voltage
Voltage
2V
2V
5V
3.3V
3.3V
3.3V
5V
5V
5V
5V
5V
7.5V
7.5V
12V
12V
12V
12V
5V
24V
12V
24V
15V
15V
15V
15V
15V
5V
12V
12V
15V
18V
18V
24V
24V
24V
27V
27V
33V
33V
48V
48V
48V
ModularPowerwithPFC
Paralleloroptioncode
(See Table1.)
450W/650W(5SLOT)
1000W(7SLOT)
PFC-450
PFC-650
PFC-1000
MODEL
VOLTAGERANGE
FREQUENCY RANGE
POWERFACTOR
EFFICIENCY
Note.1
ACCURRENT
INPUT
INRUSHCURRENT
LEAKAGECURRENT
85~264VAC120~370VDC
47~63Hz
PF>0.95/230VACPF>0.98/115VACatfullload
82.5%typ.
84%typ.
84%typ.
9A/115VAC4.5A/230VAC
25A/115VAC40A/230VAC
6.3A/115VAC3.2A/230VAC
30A/115VAC50A/230VAC
20A/115VAC40A/230VAC
13.5A/115VAC6.7A/230VAC
<1.5mA/240VAC
650Wmax.
1000Wmax.
450W/650W/1000WModularPower
ZVT technology to reduce power dissipation and improve efficiency
Various output configuration is selectable
Built in active PFC, PF>0.95
Universal AC input/ full range
Remote Control on every individual output module
Remote Sense on every individual output module(MS-75,150,300)
Built in parallel function(MS-300)
Protections: Short circuit / Overload / Over voltage for all output modules
Additional 12V/0.1A auxiliary output for remote control
Cooling by built-in DC fan with fan alarm function
3 years warranty
Features :
M P series
Singleoutput(MS-300)
2SLOT (300Wmax.)
REMOTECONTROL
AUXILIARY POWER(AUX)
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
FUNCTION
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,EN61000-6-1,EN61204-3,lightindustrylevel,criteria A
-20~+70
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
RC+/RC-:0~0.8VorShort,PowerONRC+/RC-:4~12VorOpen,PowerOFF
12V@0.1A(onlyforRemoteON/OFFControl)
-40~+85
,10~95%RH
0.03%/
(0~50
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
ENVIRONMENT
SAFETY &
EMC
(Note5)
EMICONDUCTION&RADIATION
OUTPUT
450Wmax.
TOTAL OUTPUTPOWER
PROTECTION
FAN ALARM
OVERTEMPERATURE
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
ThermalswitchdetectontheheatsinkofpowerMOSFET
OutputshutdownwhenFANismalfunction
OTHERS
DIMENSION
PACKING
254*127*63.5mm(L*W*H)
278*127*63.5mm(L*W*H)
278*177.8*63.5mm(L*W*H)
1.8Kg(typ.);6pcs/11.8Kg/1.25CUFT
2.16Kg(typ.);6pcs/14Kg/1.34CUFT
3Kg(typ.);6pcs/19Kg/1.74CUFT
FileName:MP-450,650,1K0-SPEC2010-10-18


Similar Part No. - MP650

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6500 MPS-MP6500 Datasheet
1Mb / 19P
35V, 2.5A, Stepper Motor Driver
MP6500GF MPS-MP6500GF Datasheet
1Mb / 19P
35V, 2.5A, Stepper Motor Driver
MP6500GU MPS-MP6500GU Datasheet
1Mb / 19P
35V, 2.5A, Stepper Motor Driver
MP6500GU MPS-MP6500GU Datasheet
402Kb / 5P
2.5A, 35V, Bipolar Stepper Motor Driver Evaluation Board
7/16/2020 Rev. 1.1
logo
Toshiba Semiconductor
MP6501 TOSHIBA-MP6501 Datasheet
243Kb / 5P
NPN TRIPLE DIFFUSED TYPE (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
More results

Similar Description - MP650

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MP-450 MEANWELL-MP-450 Datasheet
342Kb / 6P
450W/650W/1000W Modular Power
logo
RSG Electronic Componen...
PFC-450 RSG-PFC-450 Datasheet
272Kb / 6P
450W/650W/1000W Modular Power
logo
Mean Well Enterprises C...
MP1K0 MEANWELL-MP1K0 Datasheet
344Kb / 6P
450W/650W/1000W Modular Power
MP450 MEANWELL-MP450_10 Datasheet
344Kb / 6P
450W/650W/1000W Modular Power
MS-75 MEANWELL-MS-75 Datasheet
344Kb / 6P
450W/650W/1000W Modular Power
MS-150 MEANWELL-MS-150 Datasheet
344Kb / 6P
450W/650W/1000W Modular Power
MS-300 MEANWELL-MS-300 Datasheet
344Kb / 6P
450W/650W/1000W Modular Power
MD-100 MEANWELL-MD-100 Datasheet
344Kb / 6P
450W/650W/1000W Modular Power
logo
AAEON Technology
FWS-8500 AAEON-FWS-8500 Datasheet
327Kb / 2P
650w redundant power
logo
Mean Well Enterprises C...
NMP MEANWELL-NMP Datasheet
277Kb / 12P
650W/1200W Modular Power
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com