Electronic Components Datasheet Search
  English  ▼

X  

PCA9306 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9306
Description  Dual bidirectional I2C-bus and SMBus voltage-level translator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9306 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9306 Datasheet HTML 5Page - NXP Semiconductors PCA9306 Datasheet HTML 6Page - NXP Semiconductors PCA9306 Datasheet HTML 7Page - NXP Semiconductors PCA9306 Datasheet HTML 8Page - NXP Semiconductors PCA9306 Datasheet HTML 9Page - NXP Semiconductors PCA9306 Datasheet HTML 10Page - NXP Semiconductors PCA9306 Datasheet HTML 11Page - NXP Semiconductors PCA9306 Datasheet HTML 12Page - NXP Semiconductors PCA9306 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
PCA9306
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 6 — 25 November 2010
9 of 26
NXP Semiconductors
PCA9306
Dual bidirectional I2C-bus and SMBus voltage-level translator
11. Application information
(1) The applied voltages at Vref(1) and Vpu(D) should be such that Vbias(ref)(2) is at least 1 V higher than
Vref(1) for best translator operation.
Fig 11. Typical application circuit (switch always enabled)
(1) In the Enabled mode, the applied enable voltage and the applied voltage at Vref(1) should be such
that Vbias(ref)(2) is at least 1 V higher than Vref(1) for best translator operation.
Fig 12. Typical application circuit (switch enable control)
002aab847
SCL1
SDA1
VREF1
GND
3
4
VREF2
1
6
5
SCL2
SDA2
8EN
SW
SW
PCA9306
7
200 k
Ω
RPU
RPU
Vpu(D) = 3.3 V(1)
I2C-BUS
DEVICE
SCL
SDA
VCC
GND
2
Vref(1) = 1.8 V(1)
RPU
RPU
I2C-BUS
MASTER
SCL
SDA
VCC
GND
002aab848
SCL1
SDA1
VREF1
GND
3
4
VREF2
1
6
5
SCL2
SDA2
8EN
SW
SW
PCA9306
7
200 k
Ω
RPU
RPU
Vpu(D) = 3.3 V
I2C-BUS
DEVICE
SCL
SDA
VCC
GND
2
Vref(1) = 1.8 V(1)
RPU
RPU
I2C-BUS
MASTER
SCL
SDA
VCC
GND
on
off
3.3 V enable signal(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com