Electronic Components Datasheet Search
  English  ▼

X  

PCA9306 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA9306
Description  Dual bidirectional I2C-bus and SMBus voltage-level translator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9306 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA9306 Datasheet HTML 8Page - NXP Semiconductors PCA9306 Datasheet HTML 9Page - NXP Semiconductors PCA9306 Datasheet HTML 10Page - NXP Semiconductors PCA9306 Datasheet HTML 11Page - NXP Semiconductors PCA9306 Datasheet HTML 12Page - NXP Semiconductors PCA9306 Datasheet HTML 13Page - NXP Semiconductors PCA9306 Datasheet HTML 14Page - NXP Semiconductors PCA9306 Datasheet HTML 15Page - NXP Semiconductors PCA9306 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
PCA9306
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 6 — 25 November 2010
12 of 26
NXP Semiconductors
PCA9306
Dual bidirectional I2C-bus and SMBus voltage-level translator
11.2.1.1
Example maximum frequency
Question — We need to make the PLL area of a new line card backwards compatible and
need to need to convert one GTL signal to LVTTL, invert it, and convert it back to GTL.
The signal we want to convert is random in nature but will mostly be around 19 MHz with
very long periods of inactivity where either a HIGH or LOW state will be maintained. The
traces are 1 or 2 inches long with trace capacitance of about 2 pF per inch.
Answer — The frequency of the PCA9306 is limited by the capacitance of the part, the
capacitance of the traces and the pull-up resistors used. The limiting case is probably the
LOW-to-HIGH transition in the GTL to LVTTL direction, and there the use of the lowest
acceptable resistor values will minimize the rise time delay. Assuming 50 pF capacitance
and 220
Ω resistance, the RC time constant is 11 ns (50 pF × 220 Ω). With 19 MHz
corresponding to 50 ns period the PCA9306 will support this application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com