| Electronic Components Datasheet Search |
|
LPC1785 Datasheet(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC1785 Datasheet(HTML) 18 Page - NXP Semiconductors |
|
18 / 117 page ![]() LPC178X_7X All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Objective data sheet Rev. 2 — 27 May 2011 18 of 117 NXP Semiconductors LPC178x/7x 32-bit ARM Cortex-M3 microcontroller P1[11] 163 A14 A12 - [3] I; PU I/O P1[11] — General purpose digital input/output pin. I ENET_RXD2 — Ethernet Receive Data 2 (MII interface). I/O SD_DAT[2] — Data line 2 for SD card interface. O PWM0[6] — Pulse Width Modulator 0, output 6. P1[12] 157 A16 A14 - [3] I; PU I/O P1[12] — General purpose digital input/output pin. I ENET_RXD3 — Ethernet Receive Data (MII interface). I/O SD_DAT[3] — Data line 3 for SD card interface. I PWM0_CAP0 — Capture input for PWM0, channel 0. P1[13] 147 D16 D14 - [3] I; PU I/O P1[13] — General purpose digital input/output pin. I ENET_RX_DV — Ethernet Receive Data Valid (MII interface). P1[14] 184 A7 D8 128 [3] I; PU I/O P1[14] — General purpose digital input/output pin. I ENET_RX_ER — Ethernet receive error (RMII/MII interface). - R — Function reserved. I T2_CAP0 — Capture input for Timer 2, channel 0. P1[15] 182 A8 A8 126 [3] I; PU I/O P1[15] — General purpose digital input/output pin. I ENET_RX_CLK (ENET_REF_CLK) — Ethernet Receive Clock (MII interface) or Ethernet Reference Clock (RMII interface). - R — Function reserved. I/O I2C2_SDA — I2C2 data input/output (this pin does not use a specialized I2C pad). P1[16] 180 D10 B8 125 [3] I; PU I/O P1[16] — General purpose digital input/output pin. O ENET_MDC — Ethernet MIIM clock. O I2S_TX_MCLK — I2S transmit master clock. P1[17] 178 A9 C9 123 [3] I; PU I/O P1[17] — General purpose digital input/output pin. I/O ENET_MDIO — Ethernet MIIM data input and output. O I2S_RX_MCLK — I2S receive master clock. P1[18] 66 P7 L5 46 [3] I; PU I/O P1[18] — General purpose digital input/output pin. O USB_UP_LED1 — USB port 1 GoodLink LED indicator. It is LOW when device is configured (non-control endpoints enabled). It is HIGH when the device is not configured or during global suspend. O PWM1[1] — Pulse Width Modulator 1, channel 1 output. I T1_CAP0 — Capture input for Timer 1, channel 0. - R — Function reserved. I/O SSP1_MISO — Master In Slave Out for SSP1. Table 3. Pin description …continued Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, DAC pins) and Table 7 (EMC pins). Symbol Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |