Electronic Components Datasheet Search
  English  ▼

X  

LPC1785 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # LPC1785
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 96 kB SRAM; USB Device/Host/OTG
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1785 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button LPC1785 Datasheet HTML 25Page - NXP Semiconductors LPC1785 Datasheet HTML 26Page - NXP Semiconductors LPC1785 Datasheet HTML 27Page - NXP Semiconductors LPC1785 Datasheet HTML 28Page - NXP Semiconductors LPC1785 Datasheet HTML 29Page - NXP Semiconductors LPC1785 Datasheet HTML 30Page - NXP Semiconductors LPC1785 Datasheet HTML 31Page - NXP Semiconductors LPC1785 Datasheet HTML 32Page - NXP Semiconductors LPC1785 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 117 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 27 May 2011
29 of 117
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
P3[19]
161
B14
-
-
[3]
I;
PU
I/O
P3[19] — General purpose digital input/output pin.
I/O
EMC_D[19] — External memory data line 19.
O
PWM0[4] — Pulse Width Modulator 0, output 4.
I
U1_DCD — Data Carrier Detect input for UART1.
P3[20]
167
A13
-
-
[3]
I;
PU
I/O
P3[20] — General purpose digital input/output pin.
I/O
EMC_D[20] — External memory data line 20.
O
PWM0[5] — Pulse Width Modulator 0, output 5.
I
U1_DSR — Data Set Ready input for UART1.
P3[21]
175
C10
-
-
[3]
I;
PU
I/O
P3[21] — General purpose digital input/output pin.
I/O
EMC_D[21] — External memory data line 21.
O
PWM0[6] — Pulse Width Modulator 0, output 6.
O
U1_DTR — Data Terminal Ready output for UART1. Can also
be configured to be an RS-485/EIA-485 output enable signal for
UART1.
P3[22]
195
C6
-
-
[3]
I;
PU
I/O
P3[22] — General purpose digital input/output pin.
I/O
EMC_D[22] — External memory data line 22.
I
PWM0_CAP0 — Capture input for PWM0, channel 0.
I
U1_RI — Ring Indicator input for UART1.
P3[23]
65
T6
M4
45
[3]
I;
PU
I/O
P3[23] — General purpose digital input/output pin.
I/O
EMC_D[23] — External memory data line 23.
I
PWM1_CAP0 — Capture input for PWM1, channel 0.
I
T0_CAP0 — Capture input for Timer 0, channel 0.
P3[24]
58
R5
N3
40
[3]
I;
PU
I/O
P3[24] — General purpose digital input/output pin.
I/O
EMC_D[24] — External memory data line 24.
O
PWM1[1] — Pulse Width Modulator 1, output 1.
I
T0_CAP1 — Capture input for Timer 0, channel 1.
P3[25]
56
U2
M3
39
[3]
I;
PU
I/O
P3[25] — General purpose digital input/output pin.
I/O
EMC_D[25] — External memory data line 25.
O
PWM1[2] — Pulse Width Modulator 1, output 2.
O
T0_MAT0 — Match output for Timer 0, channel 0.
P3[26]
55
T3
K7
38
[3]
I;
PU
I/O
P3[26] — General purpose digital input/output pin.
I/O
EMC_D[26] — External memory data line 26.
O
PWM1[3] — Pulse Width Modulator 1, output 3.
O
T0_MAT1 — Match output for Timer 0, channel 1.
I
STCLK — System tick timer clock input.
Table 3.
Pin description …continued
Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, DAC pins) and Table 7 (EMC
pins).
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com