Electronic Components Datasheet Search
  English  ▼

X  

PCA9671DB Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9671DB
Description  Remote 16-bit I/O expander for Fm I2C-bus with reset
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9671DB Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9671DB Datasheet HTML 1Page - NXP Semiconductors PCA9671DB Datasheet HTML 2Page - NXP Semiconductors PCA9671DB Datasheet HTML 3Page - NXP Semiconductors PCA9671DB Datasheet HTML 4Page - NXP Semiconductors PCA9671DB Datasheet HTML 5Page - NXP Semiconductors PCA9671DB Datasheet HTML 6Page - NXP Semiconductors PCA9671DB Datasheet HTML 7Page - NXP Semiconductors PCA9671DB Datasheet HTML 8Page - NXP Semiconductors PCA9671DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1.
General description
The PCA9671 provides general purpose remote I/O expansion for most microcontroller
families via the two-line bidirectional bus (I2C-bus) and is a part of the Fast-mode Plus
(Fm+) family.
The PCA9671 is a drop in upgrade for the PCF8575 providing higher I2C-bus speeds
(1 MHz versus 400 kHz) so that the output can support PWM dimming of LEDs, higher
I2C-bus drive (30 mA versus 3 mA) so that many more devices can be on the bus without
the need for bus buffers, higher total package sink capacity (400 mA versus 100 mA) that
supports having all 25 mA LEDs on at the same time and more device addresses
(64 versus 8) to allow many more devices on the bus without address conflicts.
The difference between the PCA9671 and the PCF8575 is that the interrupt output on the
PCF8575 is replaced by a RESET input on the PCA9671.
The device consists of a 16-bit quasi-bidirectional port and an I2C-bus interface. The
PCA9671 has a low current consumption and includes latched outputs with 25 mA high
current drive capability for directly driving LEDs. The internal Power-On Reset (POR),
hardware reset pin (RESET) or software reset sequence initializes the I/Os as inputs.
2.
Features and benefits
1MHz I2C-bus interface
Compliant with the I2C-bus Fast-mode and Standard-mode
SDA with 30 mA sink capability for 4000 pF buses
2.3 V to 5.5 V operation with 5.5 V tolerant I/Os
16-bit remote I/O pins that default to inputs at power-up
Latched outputs with 25 mA sink capability for directly driving LEDs
Total package sink capability of 400 mA
Active LOW reset input
64 programmable slave addresses using 3 address pins
Readable device ID (manufacturer, device type, and revision)
Low standby current
−40 °C to +85 °C operation
ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
Latch-up testing is done to JEDEC standard JESD78 which exceeds 100 mA
Packages offered: SO24, SSOP24, QSOP24, TSSOP24, HVQFN24, DHVQFN24
PCA9671
Remote 16-bit I/O expander for Fm+ I2C-bus with reset
Rev. 2 — 29 July 2010
Product data sheet


Similar Part No. - PCA9671DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9671DB PHILIPS-PCA9671DB Datasheet
195Kb / 34P
Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 01-20 December 2006
PCA9671DB NXP-PCA9671DB Datasheet
204Kb / 34P
Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 01-20 December 2006
More results

Similar Description - PCA9671DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8575 PHILIPS-PCF8575 Datasheet
105Kb / 24P
Remote 16-bit I/O expander for I2C-bus
1999 Apr 07
PCF8575C PHILIPS-PCF8575C Datasheet
107Kb / 24P
Remote 16-bit I/O expander for I2C-bus
1999 Aug 05
PCA9671 PHILIPS-PCA9671 Datasheet
195Kb / 34P
Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 01-20 December 2006
PCA9673 PHILIPS-PCA9673 Datasheet
199Kb / 33P
Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 01-1 February 2007
PCA9675 PHILIPS-PCA9675 Datasheet
197Kb / 34P
Remote 16-bit I/O expander for Fm I2C-bus with interrupt
Rev. 01-1 February 2007
PCA9670 NXP-PCA9670 Datasheet
170Kb / 28P
Remote 8-bit I/O expander for Fm I2C-bus with reset
Rev. 02-17 July 2007
PCA9671 NXP-PCA9671 Datasheet
204Kb / 34P
Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 01-20 December 2006
PCA9672 NXP-PCA9672 Datasheet
172Kb / 27P
Remote 8-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 02-6 July 2007
PCA9673 NXP-PCA9673 Datasheet
208Kb / 33P
Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 01-1 February 2007
PCA9675 NXP-PCA9675 Datasheet
207Kb / 34P
Remote 16-bit I/O expander for Fm I2C-bus with interrupt
Rev. 01-1 February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com