Electronic Components Datasheet Search
  English  ▼

X  

PCA9671DB Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA9671DB
Description  Remote 16-bit I/O expander for Fm I2C-bus with reset
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9671DB Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA9671DB Datasheet HTML 6Page - NXP Semiconductors PCA9671DB Datasheet HTML 7Page - NXP Semiconductors PCA9671DB Datasheet HTML 8Page - NXP Semiconductors PCA9671DB Datasheet HTML 9Page - NXP Semiconductors PCA9671DB Datasheet HTML 10Page - NXP Semiconductors PCA9671DB Datasheet HTML 11Page - NXP Semiconductors PCA9671DB Datasheet HTML 12Page - NXP Semiconductors PCA9671DB Datasheet HTML 13Page - NXP Semiconductors PCA9671DB Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
PCA9671
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 29 July 2010
10 of 35
NXP Semiconductors
PCA9671
Remote 16-bit I/O expander for Fm+ I2C-bus with reset
The I2C-bus master must interpret a non-acknowledge from the PCA9671 (at any time) as
a ‘Software Reset Abort’. The PCA9671 does not initiate a reset of its registers.
The unique sequence that initiates a Software Reset is described in Figure 12.
7.2.2 Device ID (PCA9671 ID field)
The Device ID field is a 3-byte read-only (24 bits) word giving the following information:
• 8 bits with the manufacturer name, unique per manufacturer (for example,
NXP Semiconductors).
• 13 bits with the part identification, assigned by manufacturer, the 7 MSBs with the
category ID and the 6 LSBs with the feature ID (for example, PCA9671 16-bit
quasi-output I/O expander).
• 3 bits with the die revision, assigned by manufacturer (for example, Rev X).
The Device ID is read-only, hardwired in the device and can be accessed as follows:
1. START command.
2. The master sends the Reserved Device ID I2C-bus address ‘1111 100’ with the R/W
bit set to logic 0 (write).
3. The master sends the I2C-bus slave address of the slave device it needs to identify.
The LSB is a ‘Don’t care’ value. Only one device must acknowledge this byte (the one
that has the I2C-bus slave address).
4. The master sends a Re-START command.
Remark: A STOP command followed by a START command will reset the slave state
machine and the Device ID read cannot be performed.
Remark: A STOP command or a Re-START command followed by an access to
another slave device will reset the slave state machine and the Device ID read cannot
be performed.
5. The master sends the Reserved Device ID I2C-bus address ‘1111 100’ with the R/W
bit set to logic 1 (read).
6. The device ID read can be done, starting with the 8 manufacturer bits (first byte +
4 MSB of the second byte), followed by the 13 part identification bits and then the
3 die revision bits (3 LSB of the third byte).
7. The master ends the reading sequence by NACKing the last byte, thus resetting the
slave device state machine and allowing the master to send the STOP command.
Fig 12. Software Reset sequence
002aac281
0
0
0
0
0
0
0
A
S
0
SWRST Call I2C-bus address
START condition
R/W
acknowledge
from slave(s)
0
0
0
0
1
1
0
0
SWRST data = 06h
A
acknowledge
from slave(s)
P
PCA9671 is(are) reset.
Registers are set to default power-up values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com