Electronic Components Datasheet Search
  English  ▼

X  

PCA85162 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCA85162
Description  Universal LCD driver for low multiplex rates
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85162 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCA85162 Datasheet HTML 32Page - NXP Semiconductors PCA85162 Datasheet HTML 33Page - NXP Semiconductors PCA85162 Datasheet HTML 34Page - NXP Semiconductors PCA85162 Datasheet HTML 35Page - NXP Semiconductors PCA85162 Datasheet HTML 36Page - NXP Semiconductors PCA85162 Datasheet HTML 37Page - NXP Semiconductors PCA85162 Datasheet HTML 38Page - NXP Semiconductors PCA85162 Datasheet HTML 39Page - NXP Semiconductors PCA85162 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
PCA85162
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 16 June 2011
36 of 46
NXP Semiconductors
PCA85162
Universal LCD driver for low multiplex rates
The PCA85162 can always be cascaded with other devices of the same type or
conditionally with other devices of the same family. This allows optimal drive selection for
a given number of pixels to display. Figure 22 and Figure 25 show the timing of the
synchronization signals.
In a cascaded configuration only one PCA85162 master must be used as clock source. All
other PCA85162 in the cascade must be configured as slave such that they receive the
clock from the master.
Table 21.
SYNC contact resistance
Number of devices
Maximum contact resistance
26 k
3 to 5
2.2 k
6 to 10
1.2 k
10 to 16
700
Fig 25. Synchronization of the cascade for the various PCA85162 drive modes
Tfr = f
fr
1
BP0
SYNC
BP0
(1/2 bias)
SYNC
BP0
(1/3 bias)
(a) static drive mode.
(b) 1:2 multiplex drive mode.
(c) 1:3 multiplex drive mode.
(d) 1:4 multiplex drive mode.
BP0
(1/3 bias)
SYNC
SYNC
BP0
(1/3 bias)
mgl755



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com