Electronic Components Datasheet Search
  English  ▼

X  

PCA85162 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA85162
Description  Universal LCD driver for low multiplex rates
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85162 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA85162 Datasheet HTML 12Page - NXP Semiconductors PCA85162 Datasheet HTML 13Page - NXP Semiconductors PCA85162 Datasheet HTML 14Page - NXP Semiconductors PCA85162 Datasheet HTML 15Page - NXP Semiconductors PCA85162 Datasheet HTML 16Page - NXP Semiconductors PCA85162 Datasheet HTML 17Page - NXP Semiconductors PCA85162 Datasheet HTML 18Page - NXP Semiconductors PCA85162 Datasheet HTML 19Page - NXP Semiconductors PCA85162 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
PCA85162
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 16 June 2011
16 of 46
NXP Semiconductors
PCA85162
Universal LCD driver for low multiplex rates
• In static drive mode the same signal is carried by all four backplane outputs and they
can be connected in parallel for very high drive requirements.
7.10 Display RAM
The display RAM is a static 32
 4-bit RAM which stores LCD data.
There is a one-to-one correspondence between
• the bits in the RAM bitmap and the LCD elements
• the RAM columns and the segment outputs
• the RAM rows and the backplane outputs.
A logic 1 in the RAM bitmap indicates the on-state of the corresponding LCD element;
similarly, a logic 0 indicates the off-state.
The display RAM bit map, Figure 11, shows the rows 0 to 3 which correspond with the
backplane outputs BP0 to BP3, and the columns 0 to 31 which correspond with the
segment outputs S0 to S31. In multiplexed LCD applications the segment data of the first,
second, third, and fourth row of the display RAM are time-multiplexed with BP0, BP1,
BP2, and BP3 respectively.
When display data is transmitted to the PCA85162, the display bytes received are stored
in the display RAM in accordance with the selected LCD drive mode. The data is stored as
it arrives and depending on the current multiplex drive mode the bits are stored singularly,
in pairs, triples or quadruples. To illustrate the filling order, an example of a 7-segment
numeric display showing all drive modes is given in Figure 12; the RAM filling organization
depicted applies equally to other LCD types.
The display RAM bitmap shows the direct relationship between the display RAM column and the
segment outputs; and between the bits in a RAM row and the backplane outputs.
Fig 11. Display RAM bit map
0
0
1
2
3
1
2
3
4
27
28
29
30
31
display RAM addresses/segment outputs (S)
columns
display RAM rows/
backplane outputs
(BP)
rows
001aac265



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com