Electronic Components Datasheet Search
  English  ▼

X  

PCA9560 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9560
Description  Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9560 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9560 Datasheet HTML 7Page - NXP Semiconductors PCA9560 Datasheet HTML 8Page - NXP Semiconductors PCA9560 Datasheet HTML 9Page - NXP Semiconductors PCA9560 Datasheet HTML 10Page - NXP Semiconductors PCA9560 Datasheet HTML 11Page - NXP Semiconductors PCA9560 Datasheet HTML 12Page - NXP Semiconductors PCA9560 Datasheet HTML 13Page - NXP Semiconductors PCA9560 Datasheet HTML 14Page - NXP Semiconductors PCA9560 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Philips Semiconductors
Product data sheet
PCA9560
Dual 5-bit multiplexed 1-bit latched
I2C EEPROM DIP switch
2004 May 19
11
DC CHARACTERISTICS
SYMBOL
PARAMETER
TEST CONDITION
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Supply
VDD
Supply voltage
3
—
3.6
V
IDDL
Supply current
Operating mode ALL inputs = 0 V
—
—
1
mA
IDDH
Supply current
Operating mode ALL inputs = VDD
—
—
600
µA
VPOR
Power-on reset voltage
No load; VI = VDD or GND
—
2.3
2.7
V
Input SCL: Input/Output SDA
VIL
LOW-level input voltage
–0.5
—
0.8
V
VIH
HIGH-level input voltage
2
—
5.5 1
V
IOL
LOW-level output current
VOL = 0.4 V
3
—
—
mA
IOL
LOW-level output current
VOL = 0.6 V
6
—
—
mA
IIH
Leakage current HIGH
VI = VDD
–1
—
1
µA
IIL
Input current LOW
VI = GND
–1
—
1
µA
CI
Input capacitance
—
3
6
pF
WP, MUX_SELECT_0, MUX_SELECT_1
IIH
Leakage current HIGH
VI = VDD
–1
—
1
µA
IIL
Input current LOW
VDD = 3.6 V; VI = GND
–20
—
–50
µA
CI
Input capacitance
—
2.5
5
pF
MUX_IN A
→ E
IIH
Leakage current HIGH
VI = VDD
–1
—
1
µA
IIL
Input current LOW
VDD = 3.6 V; VI = GND
–20
—
–50
µA
CI
Input capacitance
—
2.5
5
pF
A0, A1 Inputs
IIH
Leakage current HIGH
VI = VDD
–1
—
1
µA
IIL
Input current LOW
VDD = 3.6 V; VI = GND
–20
—
–50
µA
CI
Input capacitance
—
2
4
pF
MUX_OUT
VOL
LOW-level output voltage
IOL = 100 µA
—
—
0.4
V
VOL
LOW-level output voltage
IOL = 4 mA
—
—
0.7
V
IOH
HIGH-level output current
VOH = VDD
—
—
100
µA
NON-MUXED_OUT
VOL
LOW-level output voltage
IOL = 100 µA
—
—
0.4
V
VOL
LOW-level output voltage
IOL = 2 mA
—
—
0.7
V
NOTE:
1. The maximum input voltage is the lesser of 5.5 V or VDD + 4.0 V, except for very short (e.g., system start-up or shut-down) durations.
NON-VOLATILE STORAGE SPECIFICATIONS
PARAMETER
SPECIFICATION
Memory cell data retention
10 years min
Number of memory cell write cycles
100,000 cycles min
Application Note
AN250 I2C DIP Switch provides additional information on memory cell data retention and the minimum number of write cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com