Electronic Components Datasheet Search
  English  ▼

X  

PCA9560 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9560
Description  Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9560 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9560 Datasheet HTML 1Page - NXP Semiconductors PCA9560 Datasheet HTML 2Page - NXP Semiconductors PCA9560 Datasheet HTML 3Page - NXP Semiconductors PCA9560 Datasheet HTML 4Page - NXP Semiconductors PCA9560 Datasheet HTML 5Page - NXP Semiconductors PCA9560 Datasheet HTML 6Page - NXP Semiconductors PCA9560 Datasheet HTML 7Page - NXP Semiconductors PCA9560 Datasheet HTML 8Page - NXP Semiconductors PCA9560 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Philips Semiconductors
Product data sheet
PCA9560
Dual 5-bit multiplexed 1-bit latched
I2C EEPROM DIP switch
2
2004 May 19
FEATURES
• 5-bit 3-to-1 multiplexer, 1-bit latch DIP switch
• 5-bit external hardware pins
• Two 6-bit internal non-volatile registers, fully pin-to-pin compatible
with PCA9559
• Selection between the two non-volatile registers
• Selection between non-volatile registers and external hardware
pins
• I2C/SMBus interface logic
• Internal pull-up resistors on input pin and control signals
• Active high write protect on input controls the ability to write to the
non-volatile registers
• 2 address pins, allowing up to 4 devices on the I2C-bus
• 5 open drain multiplexed outputs
• Open drain non-multiplexed output
• Internal 6-bit non-volatile registers programmable and readable via
I2C-bus
• External hardware 5-bit value readable via I2C-bus
• Multiplexer selection can be overridden by I2C-bus
• Operating power supply voltage 3.0 V to 3.6 V
• 5 V and 2.5 V tolerant inputs/outputs
• 0 to 400 kHz clock frequency
• ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V
MM per JESD22-A115, and 1000 V CDM per JESD22-C101
• Latch-up testing is done to JESDEC Standard JESD78 which
exceeds 100 mA.
• Package offering: SO20, TSSOP20
DESCRIPTION
The PCA9560 is a 20-pin CMOS device consisting of two 6-bit
non-volatile EEPROM registers, 5 hardware pin inputs and a 5-bit
multiplexed output with one latched EEPROM bit. It is used for DIP
switch-free or jumper-less system configuration and supports Mobile
and Desktop VID Configuration, where 3 preset values (2 sets of
internal non-volatile registers and 1 set of external hardware pins)
set processor voltage for operation in either performance, deep
sleep or deeper sleep modes. The PCA9560 is also useful in server
and telecom/networking applications when used to replace DIP
switches or jumpers, since the settings can be easily changed via
I2C/SMBus without having to power down the equipment to open the
cabinet. The non-volatile memory retains the most current setting
selected before the power is turned off.
The PCA9560 typically resides between the CPU and Voltage
Regulator Module (VRM) when used for CPU VID (Voltage
IDentification code) configuration. It is used to bypass the
CPU-defined VID values and provide a different set of VID values to
the VRM, if an increase in the CPU voltage is desired. An increase
in CPU voltage combined with an increase in CPU frequency leads
to a performance boost of up to 7.5%. Lower CPU voltage reduces
power consumption. The main advantage of the PCA9560 over the
older PCA9559 device in this application is that it contains two
internal non-volatile EEPROM registers instead of just one, allowing
three independent settings (performance operation, deep sleep
mode and deeper sleep mode) instead of only two (performance
operation and deep sleep mode). The PCA9560 is footprint
compatible and a drop-in replacement for the PCA9559, without any
software modifications required.
The PCA9560 has 2 address pins allow up to 4 devices to be placed
on the same I2C bus or SMBus.
PIN CONFIGURATION
SCL
SDA
MUX_IN B
VDD
1
20
2
19
3
18
4
17
5
16
6
15
7
14
8
13
MUX_IN C
MUX_IN D
MUX_IN E
MUX_OUT B
MUX_OUT C
MUX_OUT D
MUX_OUT E
SW00829
GND
9
10
A1
A0
12
11
NON-MUXED_OUT
MUX_OUT A
MUX_IN A
WP
MUX_SELECT_1
MUX_SELECT_0
Figure 1. Pin configuration
PIN DESCRIPTION
PIN
SYMBOL
FUNCTION
1
SCL
Serial I2C-bus clock
2
SDA
Serial bi-directional I2C-bus data
3
A1
Programmable LSBs of I2C
4
A0
g
address
5–9
MUX_IN A–E
External inputs to multiplexer
10
GND
Ground
11
MUX_
SELECT_0
Selects MUX_IN inputs or register
contents for MUX_OUT outputs
12–16
MUX_OUT E–A
Open drain multiplexed outputs
17
NON-MUXED_
OUTPUT
Open drain output from
non-volatile memory
18
MUX_
SELECT_1
Selects between the two
non-volatile registers
19
WP
Active high non-volatile register
write-protect input
20
VDD
Power supply: +3.0 to +3.6 V
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
TOPSIDE MARK
DRAWING NUMBER
20-Pin Plastic SO
–40 to +85
°C
PCA9560D
PCA9560D
SOT163-1
20-Pin Plastic TSSOP
–40 to +85
°C
PCA9560PW
PCA9560
SOT360-1
Standard packing quantities and other packaging data are available at www.philipslogic.com/packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com