Electronic Components Datasheet Search
  English  ▼

X  

PCA9564 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCA9564
Description  Parallel bus to I2C-bus controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9564 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCA9564_06 Datasheet HTML 11Page - NXP Semiconductors PCA9564_06 Datasheet HTML 12Page - NXP Semiconductors PCA9564_06 Datasheet HTML 13Page - NXP Semiconductors PCA9564_06 Datasheet HTML 14Page - NXP Semiconductors PCA9564_06 Datasheet HTML 15Page - NXP Semiconductors PCA9564_06 Datasheet HTML 16Page - NXP Semiconductors PCA9564_06 Datasheet HTML 17Page - NXP Semiconductors PCA9564_06 Datasheet HTML 18Page - NXP Semiconductors PCA9564_06 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Philips Semiconductors
Product data sheet
PCA9564
Parallel bus to I2C-bus controller
2006 Sep 01
15
Slave Transmitter Mode: In the slave transmitter mode, a number
of data bytes are transmitted to a master receiver (see Figure 5).
Data transfer is initialized as in the slave receiver mode. When
I2CADR and I2CCON have been initialized, SIO waits until it is
addressed by its own slave address followed by the data direction
bit which must be “1” (R) for SIO to operate in the slave transmitter
mode. After its own slave address and the R bit have been received,
the serial interrupt flag (SI) is set and a valid status code can be
read from I2CSTA. This status code is used to vector to an interrupt
service routine, and the appropriate action to be taken for each of
these status codes is detailed in Table 5. The slave transmitter mode
may also be entered if arbitration is lost while SIO is in the master
mode (see state B0H).
If the AA bit is reset during a transfer, SIO will transmit the last byte
of the transfer and enter state C8H. SIO is switched to the not
addressed slave mode and will ignore the master receiver if it
continues the transfer. Thus the master receiver receives all 1s as
serial data. While AA is reset, SIO does not respond to its own slave
address. However, the I2C-bus is still monitored, and address
recognition may be resumed at any time by setting AA. This means
that the AA bit may be used to temporarily isolate SIO from the
I2C-bus.
Miscellaneous States: There are four I2CSTA codes that do not
correspond to a defined SIO hardware state (see Table 6). These
are discussed below.
I2CSTA = F8H:
This status code indicates that no relevant information is available
because the serial interrupt flag, SI, is not yet set. This occurs on a
STOP condition and when SIO is not involved in a serial transfer.
I2CSTA = 00H:
This status code indicates that a bus error has occurred during an
SIO serial transfer. A bus error is caused when a START or STOP
condition occurs at an illegal position in the format frame. Examples
of such illegal positions are during the serial transfer of an address
byte, a data byte, or an acknowledge bit. A bus error may also be
caused when external interference disturbs the internal SIO signals.
When a bus error occurs, SI is set. To recover from a bus error, the
microcontroller must send an external reset signal to reset the SIO.
I2CSTA = 70H:
This status code indicates that the SDA line is stuck LOW when the
SIO, in master mode, is trying to send a START condition.
I2CSTA = 90H:
This status code indicates that the SCL line is stuck LOW.
Some Special Cases: The SIO hardware has facilities to handle the
following special cases that may occur during a serial transfer:
• SIMULTANEOUS REPEATED START CONDITIONS FROM TWO MASTERS
A repeated START condition may be generated in the master
transmitter or master receiver modes. A special case occurs if
another master simultaneously generates a repeated START
condition (see Figure 6). Until this occurs, arbitration is not lost by
either master since they were both transmitting the same data.
If the SIO hardware detects a repeated START condition on the
I2C-bus before generating a repeated START condition itself, it will
use the repeated START as its own and continue with the sending of
the slave address.
• DATA TRANSFER AFTER LOSS OF ARBITRATION
Arbitration may be lost in the master transmitter and master receiver
modes. Loss of arbitration is indicated by the following states in
I2CSTA; 38H, 68H, and B0H (see Figures 2 and 3).
NOTE: In order to exit state 38H, a Timeout, Reset, or external
Stop are required.
If the STA flag in I2CCON is set by the routines which service these
states, then, if the bus is free again, a START condition (state 08H)
is transmitted without intervention by the CPU, and a retry of the
total serial transfer can commence.
• FORCED ACCESS TO THE I2C BUS
In some applications, it may be possible for an uncontrolled source
to cause a bus hang-up. In such situations, the problem may be
caused by interference, temporary interruption of the bus or a
temporary short-circuit between SDA and SCL.
If an uncontrolled source generates a superfluous START or masks
a STOP condition, then the I2C-bus stays busy indefinitely. If the
STA flag is set and bus access is not obtained within a reasonable
amount of time, then a forced access to the I2C-bus is possible. If
the I2C-bus stays idle for a time period equal to the time out period,
then the ’64 concludes that no other master is using the bus and
sends a START condition.
S
08H
SLA
W
A
DATA
A
S
BOTH MASTERS CONTINUE
WITH SLA TRANSMISSION
18H
28H
OTHER MASTER SENDS REPEATED
START CONDITION EARLIER
SU00975
Figure 6. Simultaneous repeated START conditions from 2 masters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com