Electronic Components Datasheet Search
  English  ▼

X  

OPA188AIDBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA188AIDBVT
Description  0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA188AIDBVT Datasheet(HTML) 2 Page - Texas Instruments

  OPA188AIDBVT Datasheet HTML 1Page - Texas Instruments OPA188AIDBVT Datasheet HTML 2Page - Texas Instruments OPA188AIDBVT Datasheet HTML 3Page - Texas Instruments OPA188AIDBVT Datasheet HTML 4Page - Texas Instruments OPA188AIDBVT Datasheet HTML 5Page - Texas Instruments OPA188AIDBVT Datasheet HTML 6Page - Texas Instruments OPA188AIDBVT Datasheet HTML 7Page - Texas Instruments OPA188AIDBVT Datasheet HTML 8Page - Texas Instruments OPA188AIDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
OPA188
OPA2188
OPA4188
SBOS525
– AUGUST 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE INFORMATION(1)
SPECIFIED
PACKAGE-
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
SINGLE
OPA188AIDBVT
Tape and Reel, 250
SOT23-5
DBV
–40°C to +105°C
TBD
OPA188AIDBVR
Tape and Reel, 3000
OPA188AID
Rails, 100
OPA188(2)
SO-8
D
–40°C to +105°C
OPA188A
OPA188AIDR
Tape and Reel, 2500
OPA188AIDGKT
Tape and Reel, 250
MSOP-8
DGK
–40°C to +105°C
TBD
OPA188AIDGKR
Tape and Reel, 2500
DUAL
OPA2188AID
Rails, 100
SO-8
D
–40°C to +105°C
2188
OPA2188AIDR
Tape and Reel, 2500
OPA2188
OPA2188AIDGKT
Tape and Reel, 250
MSOP-8
DGK
–40°C to +105°C
2188
OPA2188AIDGKR
Tape and Reel, 2500
QUAD
OPA4188AID
Rails, 90
SO-14
D
–40°C to +105°C
OPA4188A
OPA4188AIDR
Tape and Reel, 2000
OPA4188(2)
OPA4188AIPW
Rails, 90
TSSOP-14
PW
–40°C to +105°C
OPA4188A
OPA4188AIPWR
Tape and Reel, 2000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
(2)
Product preview device.
ABSOLUTE MAXIMUM RATINGS
OPAx188
UNIT
Supply voltage
±20, 40 (single supply)
V
Voltage
(V
–) – 0.5 to (V+) + 0.5
V
Signal input terminals
Current(1)
±10
mA
Output short-circuit(2)
Continuous
Operating temperature
–55 to +125
°C
Storage temperature
–65 to +150
°C
Junction temperature
+150
°C
Human body model (HBM)
1.5
kV
ESD ratings
Charged device model (CDM)
1
kV
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
Short-circuit to ground, one amplifier per package.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA188 OPA2188 OPA4188



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com