Electronic Components Datasheet Search
  English  ▼

X  

OPA188AIDBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA188AIDBVT
Description  0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA188AIDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA188AIDBVT Datasheet HTML 9Page - Texas Instruments OPA188AIDBVT Datasheet HTML 10Page - Texas Instruments OPA188AIDBVT Datasheet HTML 11Page - Texas Instruments OPA188AIDBVT Datasheet HTML 12Page - Texas Instruments OPA188AIDBVT Datasheet HTML 13Page - Texas Instruments OPA188AIDBVT Datasheet HTML 14Page - Texas Instruments OPA188AIDBVT Datasheet HTML 15Page - Texas Instruments OPA188AIDBVT Datasheet HTML 16Page - Texas Instruments OPA188AIDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Time(100 s/div)
m
+18V
-18V
37V
PP
SineWave
( 18.5V)
±
Device
V
IN
V
OUT
40
35
30
25
20
15
10
5
0
0
100
200
300
400
500
600
700
800
900 1000
CapacitiveLoad(pF)
Device
R =
I
10kW
R
OUT
C
L
R
F =10kW
+18V
-18V
G= 1
-
R
=0 W
OUT
R
=25 W
OUT
R
=50 W
OUT
R =10kW
L
Time(5 s/div)
m
V
IN
V
OUT
2kW
20kW
V
IN
V
OUT
Device
G= 10
-
+18V
-18V
Time(5 s/div)
m
V
IN
V
OUT
2kW
20kW
V
IN
V
OUT
Device
G= 10
-
+18V
-18V
Time(20 s/div)
m
+18V
-18V
R
2kW
F =
R
2kW
I =
C
L
Device
G= 1
-
R =10k
C =10pF
W
L
L
Time(1 s/div)
m
+18V
-
18V
C
L
R
L
Device
G=+1
R =10k
C =10pF
W
L
L
OPA188
OPA2188
OPA4188
www.ti.com
SBOS525
– AUGUST 2011
TYPICAL CHARACTERISTICS (continued)
VS = ±18 V, VCM = VS/2, RLOAD = 10 kΩ connected to VS/2, and CL = 100 pF, unless otherwise noted.
SMALL-SIGNAL OVERSHOOT vs CAPACITIVE LOAD
(100-mV Output Step)
NO PHASE REVERSAL
Figure 25.
Figure 26.
POSITIVE OVERLOAD RECOVERY
NEGATIVE OVERLOAD RECOVERY
Figure 27.
Figure 28.
SMALL-SIGNAL STEP RESPONSE
SMALL-SIGNAL STEP RESPONSE
(100 mV)
(100 mV)
Figure 29.
Figure 30.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): OPA188 OPA2188 OPA4188



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com