Electronic Components Datasheet Search
  English  ▼

X  

PMS430E337 Datasheet(PDF) 19 Page - Texas Instruments

Part # PMS430E337
Description  MIXED SIGNAL MICROCONTROLLERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PMS430E337 Datasheet(HTML) 19 Page - Texas Instruments

Back Button PMS430E337 Datasheet HTML 15Page - Texas Instruments PMS430E337 Datasheet HTML 16Page - Texas Instruments PMS430E337 Datasheet HTML 17Page - Texas Instruments PMS430E337 Datasheet HTML 18Page - Texas Instruments PMS430E337 Datasheet HTML 19Page - Texas Instruments PMS430E337 Datasheet HTML 20Page - Texas Instruments PMS430E337 Datasheet HTML 21Page - Texas Instruments PMS430E337 Datasheet HTML 22Page - Texas Instruments PMS430E337 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
MSP430C33x, MSP430P337A
MIXED SIGNAL MICROCONTROLLERS
SLAS227A – OCTOBER 1999 – REVISED JUNE 2000
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
supply current (into VCC) excluding external current (f(system) = 1 MHz) (see Note 6)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
C336/7
TA= –40°C +85°C,
VCC = 3 V
400
500
I(AM)
Active mode
C336/7
TA= –40°C +85°C,
VCC = 5 V
800
900
µA
I(AM)
Active mode
P337A
TA= –40°C +85°C,
VCC = 3 V
570
700
µA
P337A
TA= –40°C +85°C,
VCC = 5 V
1170
1250
C336/7
TA= –40°C +85°C,
VCC = 3 V
50
70
I(CPUOff) Low power mode (LPM0 1)
C336/7
TA= –40°C +85°C,
VCC = 5 V
100
130
µA
I(CPUOff) Low power mode, (LPM0,1)
P337A
TA= –40°C +85°C,
VCC = 3 V
50
70
µA
P337A
TA= –40°C +85°C,
VCC = 5 V
100
130
I(LPM2)
Low power mode (LPM2)
TA= –40°C +85°C,
VCC = 3 V
7
12
µA
I(LPM2)
Low power mode, (LPM2)
TA= –40°C +85°C,
VCC = 5 V
18
25
µA
TA= –40°C
2.0
3.5
TA= 25°C
VCC = 3 V
2.0
3.5
I(LPM3)
Low power mode (LPM3)
TA= 85°C
1.6
3.5
µA
I(LPM3)
Low power mode, (LPM3)
TA= –40°C
5.2
10
µA
TA= 25°C
VCC = 5 V
4.2
10
TA= 85°C
4.0
10
TA= –40°C
0.1
0.8
I(LPM4)
Low power mode, (LPM4)
TA= 25°C
VCC = 3 V/5 V
0.1
0.8
µA
()
TA= 85°C
0.4
1.5
NOTE 6: All inputs are tied to 0 V or VCC2. Outputs do not source or sink any current. The current consumption in LPM2 and LPM3 are measured
with active Basic Timer1 module (ACLK selected), LCD Module (fLCD=1024 Hz, 4MUX) and USART module (UART, ACLK, 2400 Baud
selected)
Current consumption of active mode versus system frequency,
IAM = IAM[1MHz] × fsystem[MHz]
Current consumption of active mode versus supply voltage,
IAM = IAM[3V] + 200µA/V × (VCC–3)
schmitt-trigger inputs Port 0 to P4: P0.x to P4.x, Timer/Port: CIN, TP0.5
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
VIT
Positive going input threshold voltage
VCC = 3 V
1.2
2.1
V
VIT+
Positive-going input threshold voltage
VCC = 5 V
2.3
3.4
V
VIT
Negative going input threshold voltage
VCC = 3 V
0.7
1.5
V
VIT–
Negative-going input threshold voltage
VCC = 5 V
1.4
2.3
V
Vh
Input hysteresis (VIT VIT )
VCC = 3 V
0.3
1
V
Vhys
Input hysteresis (VIT+–VIT–)
VCC = 5 V
0.6
1.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com