Electronic Components Datasheet Search
  English  ▼

X  

PMS430E337 Datasheet(PDF) 21 Page - Texas Instruments

Part # PMS430E337
Description  MIXED SIGNAL MICROCONTROLLERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PMS430E337 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PMS430E337 Datasheet HTML 17Page - Texas Instruments PMS430E337 Datasheet HTML 18Page - Texas Instruments PMS430E337 Datasheet HTML 19Page - Texas Instruments PMS430E337 Datasheet HTML 20Page - Texas Instruments PMS430E337 Datasheet HTML 21Page - Texas Instruments PMS430E337 Datasheet HTML 22Page - Texas Instruments PMS430E337 Datasheet HTML 23Page - Texas Instruments PMS430E337 Datasheet HTML 24Page - Texas Instruments PMS430E337 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
MSP430C33x, MSP430P337A
MIXED SIGNAL MICROCONTROLLERS
SLAS227A – OCTOBER 1999 – REVISED JUNE 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
inputs and outputs
PARAMETER
TEST CONDITIONS
VCC
MIN
NOM
MAX
UNIT
t(int)
External interrupt timing
Port P0, P1 to P2:
External trigger signal for the interrupt
flag (see Notes 13 and 14)
3 V/5 V
1.5
cycle
t(cap)
Timer_A, capture timing
TA0-TA4
External capture signal (see Note 15)
3 V/5 V
250
ns
f(IN)
P0 1 CIN TP 0 5 UCLK SIMO SOMI
3 V/5 V
DC
f(system)
MHz
t(H) or t(L)
Input frequency
P0.1, CIN, TP 0.5, UCLK, SIMO, SOMI,
TACLK TA0-TA4
3 V
300
f(system)
ns
t(H) or t(L)
TACLK, TA0-TA4
5 V
300
f(system)
ns
f(XBUF)
XBUF, CL = 20 pF
3 V/5 V
f(system)
f(TAx)
Output frequency
TA0-4, CL = 20 pF
3 V/5 V
DC
f(system)/2
MHz
f(UCLK)
UCLK, CL = 20 pF
3 V/5 V
DC
f(system)
t(Xdc)
XBUF, CL = 20 pF
f(MCLK)= 1.1 MHz
f(XBUF) = f(ACLK)
f(XBUF) = f(ACLK/n)
3 V/5 V
3 V/5 V
3 V/5 V
40%
35%
50
60%
65%
∆t(TA)
Duty cycle of output
TA0..4, CL = 20 pF
t(TAH)= t(TAL)
3 V/5 V
0
±100
ns
∆t(UC)
UCLK, C(L) = 15pF
t(UCH)= t(UCL)
3 V/5 V
0
±100
ns
t(
τ)
USART: Deglitch time
See Note16
3 V
5 V
0.6
0.3
2.6
1.4
µs
NOTES: 13. The external signal sets the interrupt flag every time t(int) is met. It may be set even with trigger signals shorter than t(int). The
conditions to set the flag must be met independently from this timing constraint. T(int) is defined in MCLK cycles.
14. The external interrupt signal cannot exceed the maximum input frequency (f(in))
15. The external capture signal triggers the capture event every time t(cap) is met. It may be triggered even with capture signals shorter
than t(cap). The conditions to set the flag must be met independently from this timing constraint.
16. The signal applied to the USART receive signal/terminal (URXD) should meet the timing requirements of t(
τ) to ensure that the URXS
flip-flop is set. The URXS flip-flop is set with negative pulses meeting the minimum timing condition of t(
τ). The operating conditions
to set the flag must be met independently from this timing constraint. The deglitch circuitry is active only on negative transitions on
the URXD line.
LCD
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
V(33)
Voltage at R33
2.5
VCC+0.2
V(23)
Analog voltage
Voltage at R23
VCC = 3 V/5 V
(V33–V03) × 2/3 + V03
V
V(13)
Analog voltage
Voltage at R13
VCC = 3 V/5 V
(V(33)–V(03)) × 1/3 + V(03)
V
V(03)
Voltage at R03
V(33) – 2.5
VCC+0.2
VO(HLCD) Output 1
I(HLCD)<= 10 nA
VCC = 3 V/5 V
V(R33) – 0.125
VCC
V
VO(LLCD)
Output 0
I(LLCD) <= 10 nA
VCC = 3 V/5 V
VSS
VSS + 0.125
V
I(R03)
R03 = VSS
No load at all
td
±20
I(R13)
Input leakage
R13 = VCC/3
segment and
common lines,
±20
nA
I(R23)
R23 = 2
× VCC/3
common lines,
VCC = 3 V/5 V
±20
V(Sxx0)
V(03)
V(03) – 0.1
V(Sxx1)
Segment line
I(S )=3 µA
VCC = 3 V/5 V
V(13)
V(13) – 0.1
V
V(Sxx2)
g
voltage
I(Sxx)= – 3 µA,
VCC = 3 V/5 V
V(23)
V(23) – 0.1
V
V(Sxx3)
V(33)
V(33) + 0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com