Electronic Components Datasheet Search
  English  ▼

X  

MSP430FW423IPM Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430FW423IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430FW423IPM Datasheet(HTML) 39 Page - Texas Instruments

Back Button MSP430FW423IPM Datasheet HTML 35Page - Texas Instruments MSP430FW423IPM Datasheet HTML 36Page - Texas Instruments MSP430FW423IPM Datasheet HTML 37Page - Texas Instruments MSP430FW423IPM Datasheet HTML 38Page - Texas Instruments MSP430FW423IPM Datasheet HTML 39Page - Texas Instruments MSP430FW423IPM Datasheet HTML 40Page - Texas Instruments MSP430FW423IPM Datasheet HTML 41Page - Texas Instruments MSP430FW423IPM Datasheet HTML 42Page - Texas Instruments MSP430FW423IPM Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
MSP430FW42x
www.ti.com
SLAS383D – OCTOBER 2003 – REVISED JANUARY 2011
JTAG Interface
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
2.2 V
0
5
MHz
fTCK
TCK input frequency
(1)
3V
0
10
MHz
Internal pull-up resistance on TMS, TCK,
RInternal
(2)
2.2 V/3 V
25
60
90
k
Ω
TDI/TCLK
(1)
fTCK may be restricted to meet the timing requirements of the module selected.
(2)
TMS, TDI/TCLK, and TCK pullup resistors are implemented in all versions.
JTAG Fuse
(1)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VCC(FB)
Supply voltage during fuse-blow condition
TA = 25°C
2.5
V
VFB
Voltage level on TDI/TCLK for fuse-blow:
6
7
V
IFB
Supply current into TDI/TCLK during fuse blow
100
mA
tFB
Time to blow fuse
1
ms
(1)
Once the fuse is blown, no further access to the MSP430 JTAG/Test and emulation features is possible. The JTAG block is switched to
bypass mode.
Copyright © 2003–2011, Texas Instruments Incorporated
Submit Documentation Feedback
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com