Electronic Components Datasheet Search
  English  ▼

X  

MSP430FW423IPM Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430FW423IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430FW423IPM Datasheet(HTML) 13 Page - Texas Instruments

Back Button MSP430FW423IPM Datasheet HTML 9Page - Texas Instruments MSP430FW423IPM Datasheet HTML 10Page - Texas Instruments MSP430FW423IPM Datasheet HTML 11Page - Texas Instruments MSP430FW423IPM Datasheet HTML 12Page - Texas Instruments MSP430FW423IPM Datasheet HTML 13Page - Texas Instruments MSP430FW423IPM Datasheet HTML 14Page - Texas Instruments MSP430FW423IPM Datasheet HTML 15Page - Texas Instruments MSP430FW423IPM Datasheet HTML 16Page - Texas Instruments MSP430FW423IPM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
MSP430FW42x
www.ti.com
SLAS383D – OCTOBER 2003 – REVISED JANUARY 2011
Peripherals
Peripherals are connected to the CPU through data, address, and control buses and can be handled using all
instructions. For complete module descriptions, refer to the MSP430x4xx Family User's Guide (SLAU056).
Oscillator and System Clock
The clock system is supported by the FLL+ module that includes support for a 32768-Hz watch crystal oscillator,
an internal digitally-controlled oscillator (DCO), and a high-frequency crystal oscillator. The FLL+ clock module is
designed to meet the requirements of both low system cost and low power consumption. The FLL+ features a
digital frequency locked loop (FLL) hardware that, in conjunction with a digital modulator, stabilizes the DCO
frequency to a programmable multiple of the watch crystal frequency. The internal DCO provides a fast turn-on
clock source and stabilizes in less than 6 µs. The FLL+ module provides the following clock signals:
•
Auxiliary clock (ACLK), sourced from a 32768-Hz watch crystal or a high frequency crystal.
•
Main clock (MCLK), the system clock used by the CPU.
•
Sub-Main clock (SMCLK), the subsystem clock used by the peripheral modules.
•
ACLK/n, the buffered output of ACLK, ACLK/2, ACLK/4, or ACLK/8.
Brownout, Supply Voltage Supervisor
The brownout circuit is implemented to provide the proper internal reset signal to the device during power-on and
power-off. The supply voltage supervisor (SVS) circuitry detects if the supply voltage drops below a user
selectable level and supports both supply voltage supervision (the device is automatically reset) and supply
voltage monitoring (SVM, the device is not automatically reset).
The CPU begins code execution after the brownout circuit releases the device reset. However, VCC may not have
ramped to VCC(min) at that time. The user must insure the default FLL+ settings are not changed until VCC reaches
VCC(min). If desired, the SVS circuit can be used to determine when VCC reaches VCC(min).
Digital I/O
There are six 8-bit I/O ports implemented—ports P1 through P6:
•
All individual I/O bits are independently programmable.
•
Any combination of input, output, and interrupt conditions is possible.
•
Edge-selectable interrupt input capability for all the eight bits of ports P1 and P2.
•
Read/write access to port-control registers is supported by all instructions.
Basic Timer1
The Basic Timer1 has two independent 8-bit timers which can be cascaded to form a 16-bit timer/counter. Both
timers can be read and written by software. The Basic Timer1 can be used to generate periodic interrupts and
clock for the LCD module.
LCD Drive
The LCD driver generates the segment and common signals required to drive an LCD display. The LCD
controller has dedicated data memory to hold segment drive information. Common and segment signals are
generated as defined by the mode. Static, 2-MUX, 3-MUX, and 4-MUX LCDs are supported by this peripheral.
Watchdog Timer (WDT)
The primary function of the watchdog timer module is to perform a controlled system restart after a software
problem occurs. If the selected time interval expires, a system reset is generated. If the watchdog function is not
needed in an application, the module can be configured as an interval timer and can generate interrupts at
selected time intervals.
Comparator_A
The primary function of the comparator_A module is to support precision slope analog-to-digital conversions,
battery-voltage supervision, and monitoring of external analog signals.
Copyright © 2003–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com