Electronic Components Datasheet Search
  English  ▼

X  

MSP430L092 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430L092
Description  MIXED SIGNAL MICROCONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430L092 Datasheet(HTML) 2 Page - Texas Instruments

  MSP430L092 Datasheet HTML 1Page - Texas Instruments MSP430L092 Datasheet HTML 2Page - Texas Instruments MSP430L092 Datasheet HTML 3Page - Texas Instruments MSP430L092 Datasheet HTML 4Page - Texas Instruments MSP430L092 Datasheet HTML 5Page - Texas Instruments MSP430L092 Datasheet HTML 6Page - Texas Instruments MSP430L092 Datasheet HTML 7Page - Texas Instruments MSP430L092 Datasheet HTML 8Page - Texas Instruments MSP430L092 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
1
4
3
2
TCK/P2.0/TA 0.2/TA1.2/TA1.1
14
11
12
13
7
6
5
8
9
10
V
SS/GND
P1.2/TA0.2/TA1.2/ACLK/CCI0.0/AOUT/A3
P1.5/TA0.2/TA1.2/TA 0.1
P1.6/TA0.2/TA1.2/TA 1.1
V
CC
P1.0/TA0.2/TA1.2/ACLK/CCI0.1/A2/CLKIN
P1.1/TA0.2/TA1.2/SMCLK/CCI1.1/A1/TA0CLK
RST NMI SVMOUT
/
/
TDO/P2.3/TA0.2/TA 1.2/CCI1.0
TDI/P2.2/TA0.2/TA1.2/CxOUT/CCI0.0
TMS/P2.1/TA 0.2/TA1.2/TA0.1
P1.3/TA0.2/TA1.2/CxOUT/CCI1.0/VREF/A3
P1.4/TA0.2/TA1.2/MCLK/A0/TA1CLK
PW PACKAGE
(TOP VIEW)
Clock
System
2/(1)KB ROM
128B RAM
+96B CRAM
P2.0...P2.3
GND/VSS
MCLK
ACLK
SMCLK
I/O Port P2L
4 I/Os with
Interrupt
Capability
Watchdog
WDTA
32/16-Bit
Timer0_A3
3 CC
Registers
CPU &
Working
Registers
4W-JTAG
Analog-
Pool
Reset
Int-Logic
HF-OSC
Timer1_A3
3 CC
Register
VCC
RST/NMI/SVMOUT
CLKIN
VREF
TMS, TCK,
TDI, TDO
ULV-Ref.,
8-Bit ADC,
8-Bit DAC,
Comparator,
SVS
LF-OSC
ULV
Brownout
P1.0...P1.6
I/O Port P1L
7 I/Os with
Interrupt
Capability
Debug
support
CORE
MSP430L092
MSP430C09x
SLAS673 – SEPTEMBER 2010
www.ti.com
ORDERING INFORMATION(1)
PACKAGED DEVICES(2)
TA
PLASTIC 14-PIN TSSOP (PW)
MSP430C091SPW
0ºC to 50ºC
MSP430C092SPW
MSP430L092SPW
(1)
For the most current package and ordering information, see the
Package Option Addendum at the end of this document, or see the
TI web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data,
symbolization, and PCB design guidelines are available at
www.ti.com/package.
Pin Designation, MSP430C091PW, MSP430C092PW
Functional Block Diagram, MSP430C092PW, MSP430C091PW
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com